Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 38 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 34Page - Texas Instruments CC3135 Datasheet HTML 35Page - Texas Instruments CC3135 Datasheet HTML 36Page - Texas Instruments CC3135 Datasheet HTML 37Page - Texas Instruments CC3135 Datasheet HTML 38Page - Texas Instruments CC3135 Datasheet HTML 39Page - Texas Instruments CC3135 Datasheet HTML 40Page - Texas Instruments CC3135 Datasheet HTML 41Page - Texas Instruments CC3135 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 78 page
background image
SWAS037
V
DD
80%
20%
t
DIOF
t
DIOR
38
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.17.6.3 DIO Interface Timing
NOTE
Digital IOs on CC3135 refers to antenna select, hostless mode, and BLE/2.4 GHz
coexistence IOs not general purpose IOs
Figure 5-15 shows the DIO timing diagram.
Figure 5-15. DIO Timing Diagram
5.17.6.3.1 DIO Output Transition Time Parameters (Vsupply = 3.3 V)
Table 5-20 lists the DIO output transition times for Vsupply = 3.3 V.
(1)
Vsupply = 3.3 V, T = 25°C, total pin load = 30 pF
(2)
The 2-mA and 4-mA drive strength does not apply to the COEX I/O pins. Pins configured as COEX lines are invariably driven at 6 mA.
Table 5-20. DIO Output Transition Times (Vsupply = 3.3 V)
(1)
DRIVE
STRENGTH
(mA)
DRIVE STRENGTH
CONTROL BITS
tr
tf
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
2(2)
2MA_EN=1
8.0
9.3
10.7
8.2
9.5
11.0
ns
4MA_EN=0
4(2)
2MA_EN=0
6.6
7.1
7.6
4.7
5.2
5.8
ns
4MA_EN=1
6
2MA_EN=1
3.2
3.5
3.7
2.3
2.6
2.9
ns
4MA_EN=1
5.17.6.3.2 DIO Input Transition Time Parameters
Table 5-21 lists the input transition time parameters.
Table 5-21. DIO Input Transition Time Parameters
PARAMETERS
MIN
MAX
UNIT
tr
Input transition time (tr, tf), 10% to 90%
1
3
ns
tf
1
3
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn