Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CC3135 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 36 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 36 / 78 page
background image
T2
T6
T7
T9
CLK
MISO
MOSI
T8
36
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.17.6 Interfaces
This section describes the interfaces that are supported by the CC3135 device:
Host SPI
Flash SPI
Digital IO
5.17.6.1 Host SPI Interface Timing
Figure 5-13 shows the Host SPI interface timing diagram.
Figure 5-13. Host SPI Interface Timing
Table 5-18 lists the Host SPI interface timing parameters.
(1)
The timing parameter has a maximum load of 20 pF at 3.3 V.
(2)
Ensure that nCS (active-low signal) is asserted 10 ns before the clock is toggled. nCS can be deasserted 10 ns after the clock edge.
Table 5-18. Host SPI Interface Timing Parameters
PARAMETER
NUMBER
DESCRIPTION
MIN
MAX
UNIT
T1
F(1)
Clock frequency at VBAT = 3.3 V
20
MHz
Clock frequency at VBAT ≤ 2.1 V
12
T2
tclk
(1) (2)
Clock period
50
ns
T3
tLP
(1)
Clock low period
25
ns
T4
tHT
(1)
Clock high period
25
ns
T5
D(1)
Duty cycle
45%
55%
T6
tIS
(1)
RX data setup time
4
ns
T7
tIH
(1)
RX data hold time
4
ns
T8
tOD
(1)
TX data output delay
20
ns
T9
tOH
(1)
TX data hold time
24
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn