Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 32 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 28Page - Texas Instruments CC3135 Datasheet HTML 29Page - Texas Instruments CC3135 Datasheet HTML 30Page - Texas Instruments CC3135 Datasheet HTML 31Page - Texas Instruments CC3135 Datasheet HTML 32Page - Texas Instruments CC3135 Datasheet HTML 33Page - Texas Instruments CC3135 Datasheet HTML 34Page - Texas Instruments CC3135 Datasheet HTML 35Page - Texas Instruments CC3135 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
RTC_XTAL_P
RTC_XTAL_N
51
52
32.768 kHz
10 pF
GND
GND
10 pF
Copyright © 2017, Texas Instruments Incorporated
32
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.17.5 Clock Specifications
The CC3135 device requires two separate clocks for its operation:
A slow clock running at 32.768 kHz is used for the RTC.
A fast clock running at 40 MHz is used by the device for the internal processor and the WLAN
subsystem.
The device features internal oscillators that enable the use of less-expensive crystals rather than
dedicated TCXOs for these clocks. The RTC can also be fed externally to provide reuse of an existing
clock on the system and to reduce overall cost.
5.17.5.1 Slow Clock Using Internal Oscillator
The RTC crystal connected on the device supplies the free-running slow clock. The accuracy of the slow
clock frequency must be 32.768 kHz ±150 ppm. In this mode of operation, the crystal is tied between
RTC_XTAL_P (pin 51) and RTC_XTAL_N (pin 52) with a suitable load capacitance to meet the ppm
requirement.
Figure 5-9 shows the crystal connections for the slow clock.
Figure 5-9. RTC Crystal Connections
Table 5-14 lists the RTC crystal requirements.
Table 5-14. RTC Crystal Requirements
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Frequency
32.768
kHz
Frequency accuracy
Initial plus temperature plus aging
±150
ppm
Crystal ESR
32.768 kHz
70


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn