Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 31 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 27Page - Texas Instruments CC3135 Datasheet HTML 28Page - Texas Instruments CC3135 Datasheet HTML 29Page - Texas Instruments CC3135 Datasheet HTML 30Page - Texas Instruments CC3135 Datasheet HTML 31Page - Texas Instruments CC3135 Datasheet HTML 32Page - Texas Instruments CC3135 Datasheet HTML 33Page - Texas Instruments CC3135 Datasheet HTML 34Page - Texas Instruments CC3135 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
32-kHz
XTAL/CXO
VBAT
VIO
nRESET
nHIB
ACTIVE
HIBERNATE
HW WAKEUP+FW INIT
ACTIVE
HIBERNATE
Thib_min
Twake_from_hib
31
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.17.4 Wakeup From HIBERNATE Mode
NOTE
The 32.768-kHz crystal is kept enabled by default when the chip goes into HIBERNATE
mode in response to nHIB being pulled low.
Figure 5-8 shows the timing diagram for wakeup from HIBERNATE mode.
Figure 5-8. nHIB Timing Diagram
Table 5-13 describes the timing requirements for nHIB.
(1)
Ensure that the nHIB pulse width is kept above the minimum requirement under all conditions (such as power up, MCU reset, and so
on).
(2)
If temperature changes by more than 20°C, initialization time from HIB can increase by 200 ms due to radio calibration.
Table 5-13. nHIB Timing Requirements
ITEM
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
Thib_min
Minimum hibernate time
Minimum pulse width of nHIB being low(1)
10
ms
Twake_from_hib
Hardware wakeup time plus
firmware initialization time
See(2)
50
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn