Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 3 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
CC3135
40 MHz
XTAL
SPI
Flash
Wi-Fi
RF Switch
5 GHz
BPF
Diplexer /
SPDT RF
Switch
BLE
DEVICE
Wi-Fi / BLE
RF Switch
2.4 GHz BPF
VCC
(2.1 to 3.6V)
MCU
32.768 kHz
XTAL
32 kHz
nHIB
HOST_INTR
SPI/UART
HM_IOs
SSPI
A_TX
A_RX
RF_BG
COEX_IO
Output GPIOs
Dual band Ant.
Dual band Ant.
SOP0
SOP1
3
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Device Overview
Copyright © 2019, Texas Instruments Incorporated
1.4
Functional Block Diagram
Figure 1-1 shows the CC3135 device functional block diagram.
Note: The diplexer is used for the signal antenna solution. When using the antenna selection feature (dual antenna),
an SPDT switch and 2 GPIO lines are required after the diplexer.
Figure 1-1. Functional Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn