Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 29 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 25Page - Texas Instruments CC3135 Datasheet HTML 26Page - Texas Instruments CC3135 Datasheet HTML 27Page - Texas Instruments CC3135 Datasheet HTML 28Page - Texas Instruments CC3135 Datasheet HTML 29Page - Texas Instruments CC3135 Datasheet HTML 30Page - Texas Instruments CC3135 Datasheet HTML 31Page - Texas Instruments CC3135 Datasheet HTML 32Page - Texas Instruments CC3135 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
POWER
OFF
HW INIT
FW INIT
Device Ready to
serve API calls
VBAT
VIO
nRESET
STATE
32-kHz
XTAL
T1
T2
T3
nHIB
RESET
29
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.17 Timing and Switching Characteristics
5.17.1 Power Supply Sequencing
For proper operation of the CC3135 device, perform the recommended power-up sequencing as follows:
1. Tie the following pins together on the board:
VBAT (pins 37, 39, and 44)
VIO (pins 54 and 10)
2. Hold the RESET pin low while the supplies are ramping up. TI recommends using a simple RC circuit
(100 K ||, 0.01 µF, RC = 1 ms).
3. For an external RTC, ensure that the clock is stable before RESET is deasserted (high).
For timing diagrams, see Section 5.17.3.
5.17.2 Device Reset
When a device restart is required, the user may issue a negative pulse to the nRESET pin. The user must
follow one of the following alternatives to ensure the reset is properly applied:
A negative reset pulse (on pin 32) of at least 200-ms duration
If the 200-ms pulse duration cannot be ensured, a pulldown resistor of 2 MΩ must be connected to pin
52 (RTC_XTAL_N). If implemented, a shorter pulse of at least 100 µs can be used.
To ensure a proper reset sequence, the user must call the sl_stop function prior to toggling the reset.
When a reset is required, it is preferable to use the software reset instead of an external trigger.
5.17.3 Reset Timing
5.17.3.1 nRESET (32-kHz Crystal)
Figure 5-6 shows the reset timing diagram for the 32-kHz crystal first-time power-up and reset removal.
Figure 5-6. First-Time Power-Up and Reset Removal Timing Diagram (32-kHz Crystal)
Table 5-11 describes the timing requirements for the 32-kHz crystal first-time power-up and reset removal.
Table 5-11. First-Time Power-Up and Reset Removal Timing Requirements (32-kHz Crystal)
ITEM
NAME
DESCRIPTION
MIN
TYP
MAX
UNIT
T1
nReset time
nReset timing after VBAT and VIO supply are
stable
1
ms
T2
Hardware wake-up time
25
ms
T3
Initialization time
32-kHz crystal settling plus firmware
initialization time plus radio calibration
1.35
s


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn