Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 24Page - Texas Instruments CC3135 Datasheet HTML 25Page - Texas Instruments CC3135 Datasheet HTML 26Page - Texas Instruments CC3135 Datasheet HTML 27Page - Texas Instruments CC3135 Datasheet HTML 28Page - Texas Instruments CC3135 Datasheet HTML 29Page - Texas Instruments CC3135 Datasheet HTML 30Page - Texas Instruments CC3135 Datasheet HTML 31Page - Texas Instruments CC3135 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
28
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
WLAN/BLE switch used must provide a minimum of 20 dB isolation between ports.
(2)
For dual antenna configuration antenna placement must be such that isolation between the BLE and WLAN ports is at least 20 dB.
5.15 BLE/2.4 GHz Radio Coexistence and WLAN Coexistence Requirements
For proper BLE/2.4 GHz radio coexistence, the following requirements needs to met:
Table 5-10. COEX Isolation Requirement
PARAMETER
Band
MIN
TYP
MAX
UNIT
Port-to-port isolation
Single antenna
20(1)
dB
Dual antenna Configuration
20(2)
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
°C/W = degrees Celsius per watt.
(3)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [RΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
Power dissipation of 2 W and an ambient temperature of 70ºC is assumed.
(4)
m/s = meters per second.
5.16
Thermal Resistance Characteristics for RGK Package
THERMAL METRICS(1)
°C/W(2) (3)
AIR FLOW (m/s)(4)
JC
Junction-to-case
6.3
0.0051
JB
Junction-to-board
2.4
0.0051
JA
Junction-to-free air
23
0.0051
JMA
Junction-to-moving air
14.6
0.765
12.4
1.275
10.8
2.55
PsiJT
Junction-to-package top
0.2
0.0051
0.2
0.765
0.3
1.275
0.1
2.55
PsiJB
Junction-to-board
2.3
0.0051
2.3
0.765
2.2
1.275
2.4
2.55


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn