Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 23Page - Texas Instruments CC3135 Datasheet HTML 24Page - Texas Instruments CC3135 Datasheet HTML 25Page - Texas Instruments CC3135 Datasheet HTML 26Page - Texas Instruments CC3135 Datasheet HTML 27Page - Texas Instruments CC3135 Datasheet HTML 28Page - Texas Instruments CC3135 Datasheet HTML 29Page - Texas Instruments CC3135 Datasheet HTML 30Page - Texas Instruments CC3135 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 78 page
background image
27
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.14 WLAN Transmitter Out-of-Band Emissions
Both the 2.4 GHz and the 5 GHz RF paths require an external band-pass filter to meet the various
emission standards, including FCC. Table 5-8 and Table 5-9 presents the minimum attenuation
requirements for the 2.4 GHz and 5 GHz band-pass filter, respectively. TI recommends using the same
filter, switch, diplexer, and so on, used in the reference design to ease the process of certification.
(1)
Insertion loss directly impacts output power and sensitivity. At customer discretion, insertion loss can be relaxed to meet attenuation
requirements.
Table 5-8. WLAN 2.4 GHz Filter Requirements
PARAMETER
FREQUENCY (MHz)
MIN
TYP
MAX
UNIT
Return loss
2412 to 2484
10
dB
Insertion loss(1)
2412 to 2484
1
1.5
dB
Attenuation
804 to 828
30
42
dB
1608 to 1656
20
23
3216 to 3312
30
49
4020 to 4140
40
52
4824 to 4968
20
30
5628 to 5796
20
27
6432 to 6624
20
42
7200 to 7500
35
44
7500 to 10000
20
30
Reference impendence
2412 to 2484
50
Ω
Filter type
Bandpass
(1)
Insertion loss directly impacts output power and sensitivity. At customer discretion, insertion loss can be relaxed to meet attenuation
requirements.
Table 5-9. WLAN 5 GHz Filter Requirements
PARAMETER
FREQUENCY (MHz)
MIN
TYP
MAX
UNIT
Return loss
5150 to 5925
10
dB
Insertion loss(1)
5150 to 5925
1
2
dB
Attenuation
600 to 2700
41
42
dB
2950 to 3850
27
31
4400 to 4600
20
27
6600 to 6900
20
28
7000 to 7775
20
27
10300 to 11850
25
37
Reference impendence
5150 to 5925
50
Ω
Filter type
Bandpass


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn