Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 26 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
26
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.13 WLAN Transmitter Characteristics
(1)
The OFDM and MCS7 edge channels (2412 and 2462 MHz) have reduced TX power to meet FCC emission limits.
(2)
Power of 802.11b rates are reduced to meet ETSI requirements in Europe.
(3)
Channels 1 (2142 MHz) through 11 (2462 MHz) are supported for FCC.
(4)
Channels 1 (2142 MHz) through 13 (2472MHz) are supported for Europe and Japan. Note that channel 14 is not supported for Japan.
Table 5-6. WLAN Transmitter Characteristics: 2.4 GHz Band
TA = 25°C, VBAT = 2.1 V to 3.6 V. Parameters measured at SoC pin on channel 6 (2437 MHz).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating frequency range(3)(4)
2412
2472
MHz
Maximum RMS output power measured at 1
dB from IEEE spectral mask or EVM
1 DSSS
18.0
dBm
2 DSSS
18.0
11 CCK
18.3
6 OFDM
17.3
9 OFDM
17.3
18 OFDM
17.0
36 OFDM
16.0
54 OFDM
14.5
MCS7
13.0
Transmit center frequency accuracy
–25
25
ppm
(1)
Transmit power will be reduced by 1.5dB for VBAT < 2.8V
(2)
FCC, Europe, and Japan channel power limits per modulation rates can be found in the Uniflash with Image Creator User Guide.
(3)
FCC band covers U-NII-1, U-NII-2A, U-NII-2C, and U-NII-3 20-MHz BW modulations.
(4)
Europe bands 1, 2 and 3, 20-MHz BW modulations are supported.
(5)
For Japan, W52, W53 and W56, 20-MHz BW modulations are supported.
(6)
Current FCC frequency limit for the U-NII-3 20-MHZ band is CH 165 (5825 MHz). The CC3135 can also support for proposed FCC
CH169 (5845 MHz).
Table 5-7. WLAN Transmitter Characteristics: 5 GHz Band
TA = 25°C, VBAT = 2.1 V to 3.6 V.
(1) Parameters measured at SoC pin are the average of channels 40, 56, 120, and 157.(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Operating frequency range(3)(4)(5)
5180
5845(6)
MHz
Maximum RMS output power measured at 1
dB from IEEE spectral mask or EVM
6 OFDM
18.1
dBm
9 OFDM
18.1
18 OFDM
18.1
36 OFDM
16.6
54 OFDM
15.0
MCS7
14.0
Transmit center frequency accuracy
-20
20
ppm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn