Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 25 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 21Page - Texas Instruments CC3135 Datasheet HTML 22Page - Texas Instruments CC3135 Datasheet HTML 23Page - Texas Instruments CC3135 Datasheet HTML 24Page - Texas Instruments CC3135 Datasheet HTML 25Page - Texas Instruments CC3135 Datasheet HTML 26Page - Texas Instruments CC3135 Datasheet HTML 27Page - Texas Instruments CC3135 Datasheet HTML 28Page - Texas Instruments CC3135 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 78 page
background image
25
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
5.12 WLAN Receiver Characteristics
(1)
Sensitivity is 1-dB worse on channel 13 (2472 MHz).
(2)
Sensitivity for mixed mode is 1-dB worse.
Table 5-4. WLAN Receiver Characteristics: 2.4 GHz Band
TA = 25°C, VBAT = 2.1 V to 3.6 V. Parameters are measured at the SoC pin on channel 6 (2437 MHz).
PARAMETER
TEST CONDITIONS (Mbps)
MIN
TYP
MAX
UNIT
Sensitivity
(8% PER for 11b rates, 10% PER for
11g/11n rates)(1)
1 DSSS
–96.0
dBm
2 DSSS
–94.0
11 CCK
–88.0
6 OFDM
–90.5
9 OFDM
–90.0
18 OFDM
–86.5
36 OFDM
–80.5
54 OFDM
–74.5
MCS7 (GF)(2)
–71.5
Maximum input level
(10% PER)
802.11b
–4.0
dBm
802.11g
–10.0
(1)
Sensitivity for mixed mode is 1-dB worse.
Table 5-5. WLAN Receiver Characteristics: 5 GHz Band
TA = 25°C, VBAT = 2.1 V to 3.6 V. Parameters measured at SoC pin are the average of channels 40, 56, 120, and 157.
PARAMETER
TEST CONDITIONS (Mbps)
MIN
TYP
MAX
UNIT
Sensitivity
(10% PER for 11g/11n rates)
6 OFDM
-92.0
dBm
9 OFDM
-91.0
18 OFDM
-88.0
36 OFDM
-81.5
54 OFDM
-75.0
MCS7 (GF)(1)
-71.0
Maximum input level
802.11a
-20
dBm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn