Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 24 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 20Page - Texas Instruments CC3135 Datasheet HTML 21Page - Texas Instruments CC3135 Datasheet HTML 22Page - Texas Instruments CC3135 Datasheet HTML 23Page - Texas Instruments CC3135 Datasheet HTML 24Page - Texas Instruments CC3135 Datasheet HTML 25Page - Texas Instruments CC3135 Datasheet HTML 26Page - Texas Instruments CC3135 Datasheet HTML 27Page - Texas Instruments CC3135 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 78 page
background image
24
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
TI recommends using the lowest possible drive strength that is adequate for the applications. This recommendation minimizes the risk of
interference to the WLAN radio and reduces any potential degradation of RF sensitivity and performance. The default drive strength
setting is 6 mA.
Table 5-3. Electrical Characteristics: DIO Pins 52 and 53
TA = 25°C, VBAT = 2.1 V to 3.6 V.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CIN
Pin capacitance
7
pF
VIH
High-level input voltage
0.65 × VDD
VDD + 0.5 V
V
VIL
Low-level input voltage
–0.5
0.35 × VDD
V
IIH
High-level input current
50
nA
IIL
Low-level input current
50
nA
VOH
High-level output voltage
IL = 2 mA; configured I/O
drive strength = 2 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.8
V
IL = 4 mA; configured I/O
drive strength = 4 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.7
IL = 6 mA; configured I/O
drive strength = 6 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.7
IL = 2 mA; configured I/O
drive strength = 2 mA;
2.1 V
≤ VDD < 2.4 V
VDD × 0.75
VOL
Low-level output voltage
IL = 2 mA; configured I/O
drive strength = 2 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
V
IL = 4 mA; configured I/O
drive strength = 4 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
IL = 6 mA; configured I/O
drive strength = 6 mA;
2.4 V
≤ VDD < 3.6 V
VDD × 0.2
IL = 2 mA; configured I/O
drive strength = 2 mA;
2.1 V
≤ VDD < 2.4 V
VDD × 0.25
IOH
High-level
source current,
VOH = 2.4
2-mA
drive
1.5
mA
4-mA
drive
2.5
6-mA
drive
3.5
IOL
Low-level sink
current
2-mA
drive
1.5
mA
4-mA
drive
2.5
6-mA
drive
3.5
VIL
nRESET
0.6
V
5.11 Electrical Characteristics for Pin Internal Pullup and Pulldown
TA = 25°C, VBAT = 3.0 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH
Pullup current, VOH = 2.4 (VDD = 3.0 V)
5
10
µA
IOL
Pulldown current, VOL = 0.4 (VDD = 3.0
V)
5
µA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn