Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3135 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC3135 Datasheet HTML 17Page - Texas Instruments CC3135 Datasheet HTML 18Page - Texas Instruments CC3135 Datasheet HTML 19Page - Texas Instruments CC3135 Datasheet HTML 20Page - Texas Instruments CC3135 Datasheet HTML 21Page - Texas Instruments CC3135 Datasheet HTML 22Page - Texas Instruments CC3135 Datasheet HTML 23Page - Texas Instruments CC3135 Datasheet HTML 24Page - Texas Instruments CC3135 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
21
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
The maximum transmit power range is 18 dBm to 0.125 dBm in 0.125 dBm decrements.
(2)
FCC/ISED, ETSI (Europe), and Japan are supported.
(3)
Rates are grouped into high modulation rates (MCS7, 54 OFDM and 48 OFDM) and lower modulation rates (all other rates).
(4)
The back-off range is 0 dBm to 18 dBm in 0.125 dBm increments, with the maximum back-off not exceed that of the maximum transmit
power.
(5)
The range of losses if from 0 dBm to 7.75 dBm in 0.125 dBm increments.
(6)
The antenna gain has a range of -2 dBi to 5.75 dBi in 0.125 dBi increments.
5.8
TX Power Control for 5 GHz
5 GHz power control is done via Image Creator where the maximum transmit power is provided (1). Within
Image Creator power control is possible per channel, region (2), and modulation rates (3). In addition, it is
possible to enter an additional back-off (4) factor per channel and modulation rate for further margin to
regulatory requirements.
Finally, it is also possible to set the TX and RX trace losses to the antenna per band (5). The peak antenna
gain (6) can also be provided, thus allowing further control. For a full description of options and capabilities
see the UniFlash CC31xx, CC32xx SimpleLink™ Wi-Fi® and Internet-on-a chip™ Solution ImageCreator
and Programming Tool User's Guide.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn