Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 2 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
2
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Device Overview
Copyright © 2019, Texas Instruments Incorporated
1.2
Applications
For Internet of Things applications, such as:
Building and Home Automation:
HVAC Systems & Thermostat
Video Surveillance, Video Doorbells, and
Low-Power Camera
Building Security Systems & E-locks
Appliances
Asset Tracking
Factory Automation
Medical and Healthcare
Grid Infrastructure
(1)
For more information, see the Mechanical, Packaging, and Orderable Information section.
1.3
Description
Connect any microcontroller (MCU) to the Internet of Things (IoT) with the CC3135 device, a dual-band
wireless network processor from Texas Instruments™. The CC3135 Wi-Fi® Internet-on-a chip™ device
contains an Arm® Cortex®-M3 MCU dedicated to Wi-Fi® and internet protocols, in order to offload
networking activities from the host MCU. The subsystem includes a dual-band 802.11a/b/g/n radio,
baseband, and MAC with a powerful crypto engine for fast, secure Internet connections with 256-bit
encryption and a built in power management for best in class low power performance.
The Wi-Fi CERTIFIED® CC3135 device dramatically simplifies the implementation of low-power, with the
integrated Wi-Fi Alliance® IoT low power feature.
This generation introduces new capabilities that further simplify the connectivity of things to the Internet.
The main new features include:
802.11a (5 GHz) support
BLE/2.4 GHz radio coexistence
Antenna selection
Enhanced security with FIPS 140-2 Level 1 certification and more. For exact status of FIPS
certification for a specific part number, please refer to https://csrc.nist.gov/publications/fips.
Up to 16 concurrent secure sockets
Certificate sign request (CSR)
Online certificate status protocol (OCSP)
Wi-Fi Alliance® certified for IoT applications with low-power capabilities and more
Hostless mode for offloading template packet transmissions
Improved fast scan
The CC3135 device is delivered with a slim and user-friendly host driver to simplify the integration and
development of networking applications. The host driver can easily be ported to most platforms and
operating systems (OS). The driver has a small memory footprint and can run on 8-bit, 16-bit, or 32-bit
microcontrollers with any clock speed (no performance or real-time dependency).
The CC3135 device is part of the SimpleLink™ MCU platform, a common, easy-to-use development
environment based on a single core software development kit (SDK), rich tool set, reference designs and
E2E™ community which supports Wi-Fi®, Bluetooth® low energy, Sub-1 GHz and host MCUs. For more
information, visit www.ti.com/simplelink.
Table 1-1. Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
CC3135RNMRGKR
VQFN (64)
9.00 mm × 9.00 mm (nom)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn