Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CC3135 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 18 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 18 / 78 page
background image
18
CC3135
SWAS037 – JANUARY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3135
Specifications
Copyright © 2019, Texas Instruments Incorporated
(1)
TX power level = 0 implies maximum power (see Figure 5-1, Figure 5-2, and Figure 5-3). TX power level = 4 implies output power
backed off approximately 4 dB.
(2)
The CC3135 system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
(3)
The RX current is measured with a 1-Mbps throughput rate.
(4)
DTIM = 1
(5)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. In default mode, calibration is performed
sparingly, and typically occurs when re-enabling the NWP and when the temperature has changed by more than 20°C. There are two
additional calibration modes that may be used to reduced or completely eliminate the calibration event. For further details, see CC31XX
CC32XX SimpleLink™ Wi-Fi® and IoT Network Processor Programmer's Guide.
5.5
Current Consumption Summary: 2.4 GHz RF Band
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
MAX
UNIT
TX
1 DSSS
TX power level = 0
272
mA
TX power level = 4
188
6 OFDM
TX power level = 0
248
TX power level = 4
179
54 OFDM
TX power level = 0
223
TX power level = 4
160
RX(3)
1 DSSS
53
mA
54 OFDM
53
Idle connected(4)
690
µA
LPDS
115
µA
Hibernate
4
µA
Shutdown
1
µA
Peak calibration current(5)(3)
VBAT = 3.6 V
420
mA
VBAT = 3.3 V
450
VBAT = 2.1 V
670
(1)
TX power level = 0 implies maximum power (see Figure 5-1, Figure 5-2, and Figure 5-3). TX power level = 4 implies output power
backed off approximately 4 dB.
(2)
The CC3135 system is a constant power-source system. The active current numbers scale based on the VBAT voltage supplied.
(3)
The RX current is measured with a 1-Mbps throughput rate.
(4)
DTIM = 1
(5)
The complete calibration can take up to 17 mJ of energy from the battery over a time of 24 ms. In default mode, calibration is performed
sparingly, and typically occurs when re-enabling the NWP and when the temperature has changed by more than 20°C. There are two
additional calibration modes that may be used to reduced or completely eliminate the calibration event. For further details, see CC31XX,
CC32XX SimpleLink™ Wi-Fi® and IoT Network Processor Programmer's Guide.
5.6
Current Consumption Summary: 5 GHz RF Band
TA = 25°C, VBAT = 3.6 V
PARAMETER
TEST CONDITIONS(1) (2)
MIN
TYP
MAX
UNIT
TX
6 OFDM
318
mA
54 OFDM
293
RX(3)
54 OFDM
61
mA
Idle connected(4)
690
µA
LPDS
115
µA
Hibernate
4
µA
Shutdown
1
µA
Peak calibration current(5)(3)
VBAT = 3.6 V
290
mA
VBAT = 3.3 V
310
VBAT = 2.7 V
310
VBAT = 2.1 V
400


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn