Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CC3135 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. CC3135
Description  SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
Download  78 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CC3135 Datasheet(HTML) 15 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 15 / 78 page
background image
15
CC3135
www.ti.com
SWAS037 – JANUARY 2019
Submit Documentation Feedback
Product Folder Links: CC3135
Terminal Configuration and Functions
Copyright © 2019, Texas Instruments Incorporated
Table 4-2. Signal Descriptions (continued)
FUNCTION
SIGNAL NAME
PIN
NO.
PIN
TYPE
SIGNAL
DIRECTION
DESCRIPTION
Hostless Mode
DIO10
1
I/O
I/O
Hostless mode inputs and outputs
DIO12
3
I/O
I/O
DIO13
4
I/O
I/O
DIO23
16
I/O
I/O
DIO24
17
I/O
I/O
DIO28
18(1)
I/O
I/O
DIO29
20
I/O
I/O
DIO25
21
O
O
DIO31
45(1)
I/O
I/O
DIO32
52(1)
I/O
I/O
DIO30
53(1)
I/O
I/O
DIO3
58
I/O
I/O
DIO4
59
I/O
I/O
DIO5
60
I/O
I/O
DIO8
63
I/O
I/O
DIO9
64
I/O
I/O
Power
VDD_DIG1
9
Internal digital core voltage
VIN_IO1
10
Device supply voltage (VBAT)
VDD_PLL
24
Internal analog voltage
LDO_IN2
25
Internal analog RF supply from analog DC/DC output
VDD_PA_IN
33
Internal PA supply voltage from PA DC/DC output
LDO_IN1
36
Internal analog RF supply from analog DC/DC output
VIN_DCDC_ANA
37
Analog DC/DC input (connected to device input supply
[VBAT])
DCDC_ANA_SW
38
Internal analog DC/DC switching node
VIN_DCDC_PA
39
PA DC/DC input (connected to device input supply
[VBAT])
DCDC_PA_SW_P
40
Internal PA DC/DC switching node
DCDC_PA_SW_N
41
Internal PA DC/DC switching node
DCDC_PA_OUT
42
Internal PA buck converter output
DCDC_DIG_SW
43
Internal digital DC/DC switching node
VIN_DCDC_DIG
44
Digital DC/DC input (connected to device input supply
[VBAT])
DCDC_ANA2_SW_P
45
Analog to DC/DC converter +ve switching node
DCDC_ANA2_SW_N
46
Internal analog to DC/DC converter –ve switching node
VDD_ANA2
47
Internal analog to DC/DC output
VDD_ANA1
48
Internal analog supply fed by ANA2 DC/DC output
VDD_RAM
49
Internal SRAM LDO output
VIN_IO2
54
Device supply voltage (VBAT)
VDD_DIG2
56
Internal digital core voltage
HOST SPI
HOST_SPI_CLK
5
I/O
I
Host SPI clock input
HOST_SPI_MOSI
6
I/O
I
Data from Host
HOST_SPI_MISO
8
I/O
O
Data to Host
HOST_SPI_nCS
7
I/O
I
Device select (active low)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn