Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK4631 Datasheet(PDF) 22 Page - Asahi Kasei Microsystems

Part # AK4631
Description  16-Bit Mono CODEC with ALC & MIC/SPK-AMP
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4631 Datasheet(HTML) 22 Page - Asahi Kasei Microsystems

Back Button AK4631 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 19Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 20Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 21Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 22Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 23Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 24Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 25Page - Asahi Kasei Microsystems AK4631 Datasheet HTML 26Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 69 page
background image
ASAHI KASEI
[AK4631]
MS0317-J-01
2004/11
- 22 -
機能説明
システムクロック
外部との
I/Fモードは以下の4通りの方法があります。(See Table 1 and Table 2)
Mode
PMPLL bit
M/S bit
PLL3-0 bit
MCKPD bit
Figure
PLL Master Mode
1
1
See Table 4
0
Figure 18
PLL Slave Mode 1
(PLL Reference Clock: MCKI pin)
1
0
See Table 4
0
Figure 19
PLL Slave Mode 2
(PLL Reference Clock: FCK or BICK pin)
1
0
See Table 4
1
Figure 20
EXT Slave Mode
0
0
X
0
Figure 21
Don’t Care (Note 29)
0
1
X
X
-
Table 1. Clock Mode Setting (X: Don’t care)
Note 29. クロックモード設定の都合上、このモードを通過する区間では、MCKO, FCK, BICK から正常でない周波数
のクロックが出力されます。
Mode
MCKO bit
MCKO pin
MCKI pin
BICK pin
FCK pin
0
“L” Output
PLL Master Mode
1
256fs Output
Master Clock
Input for PLL
(Note 30)
16fs/32fs/64fs
Output
1fs
Output
0
“L” Output
PLL Slave Mode 1
(PLL Reference Clock: MCKI pin)
1
256fs Output
Master Clock
Input for PLL
(Note 30)
16fs/32fs/64fs
Input
1fs
Input
PLL Slave Mode 2
(PLL Reference Clock: FCK or BICK pin)
0
“L” Output
GND
16fs/32fs/64fs
Input
1fs
Input
EXT Slave Mode
0
“L” Output
256fs/
512fs/
1024fs
Input
≥ 32fs
Input
1fs
Input
Note 30. 11.2896MHz/12MHz/12.288MHz/13.5MHz/24MHz/27MHz
Table 2. Clock pins state in Clock Mode
[MCKIのプルダウン抵抗について]
マスタクロックを入力する時は、
MCKPD bit = “0”にして下さい。入力がフローティングになるときはMCKPD
bit = “1” (Default) にして、25kΩ (typ) で内部プルダウンします。
MCKI
AK4631
25k
MCKPD bit ="0"
Figure 17. Pull-down resistor of MCKI pin


Similar Part No. - AK4631

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
More results

Similar Description - AK4631

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4636 AKM-AK4636 Datasheet
1Mb / 105P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com