Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UMX21N Datasheet(PDF) 1 Page - Rohm

Part No. UMX21N
Description  High transition frequency (dual transistors)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

UMX21N Datasheet(HTML) 1 Page - Rohm

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UMX21N
Transistors
1/2
High transition frequency (dual transistors)
UMX21N
Features
1) Two 2SC4713K chips in a UMT package.
2) Very low output-on resistance. (Ron)
3) Low capacitance.
Equivalent circuits
UMX21N
(3)
(2)
(1)
(4)
(5)
(6)
Tr1
Tr2
External dimensions (Unit : mm)
UMX21N
Each lead has same dimensions
ROHM : UMT6
EIAJ : SC-88
0.1Min.
2.1
1.25
Absolute maximum ratings (Ta=25
°C)
120mW per element must not be exceeded.
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
12
6
3
50
150
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Package, marking, and packaging specifications
Type
UMX21N
UMT6
X21
TR
3000
Package
Marking
Code
Basic ordering unit (pieces)
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
12
6
3
270
300
800
1
0.5
0.5
0.3
560
1.7
V
V
V
µA
µA
V
MHz
pF
IC
=10µA
IC
=1mA
IE
=10µA
VCB
=10V
VEB
=2V
IC/IB
=10mA/1mA
VCE/IC
=5V/10mA
VCE
=5V, IE= −10mA, f=200MHz
VCB
=10V, IE=0A, f=1MHz
Ron
2
−Ω
IB
=3mA, VI=100mVrms, f=500kHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
Output-on resistance


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn