Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM74HC138M Datasheet(PDF) 5 Page - ON Semiconductor

Part # MM74HC138M
Description  3-to-8 Line Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM74HC138M Datasheet(HTML) 5 Page - ON Semiconductor

  MM74HC138M Datasheet HTML 1Page - ON Semiconductor MM74HC138M Datasheet HTML 2Page - ON Semiconductor MM74HC138M Datasheet HTML 3Page - ON Semiconductor MM74HC138M Datasheet HTML 4Page - ON Semiconductor MM74HC138M Datasheet HTML 5Page - ON Semiconductor MM74HC138M Datasheet HTML 6Page - ON Semiconductor MM74HC138M Datasheet HTML 7Page - ON Semiconductor MM74HC138M Datasheet HTML 8Page - ON Semiconductor MM74HC138M Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC = 5V, TA = 25°C, CL = 15 pF, tr = tf = 6 ns
AC Electrical Characteristics
CL = 50 pF, tr = tf = 6 ns (unless otherwise specified)
Note 6: CPD determines the no load dynamic power consumption, PD = CPD VCC
2f
+ I
CC VCC, and the no load dynamic current consumption,
IS = CPD VCC f + ICC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limit
tPLH
Maximum Propagation
18
25
ns
Delay, Binary Select to any Output
tPHL
Maximum Propagation
28
35
ns
Delay, Binary Select to any Output
tPHL, tPLH
Maximum Propagation
18
25
ns
Delay, G1 to any Output
tPHL
Maximum Propagation
23
30
ns
Delay G2A or G2B to
Output
tPLH
Maximum Propagation
18
25
ns
Delay G2A or G2B to Output
Symbol
Parameter
Conditions
VCC
TA= 25°CTA= −40 to 85°C
Units
Typ
Guaranteed Limits
tPLH
Maximum Propagation
2.0V
75
150
189
ns
Delay Binary Select to
4.5V
15
30
38
ns
any Output LOW-to-HIGH
6.0V
13
26
32
ns
tPHL
Maximum Propagation
2.0V
100
200
252
ns
Delay Binary Select to any
4.5V
20
40
50
ns
Output HIGH-to-LOW
6.0V
17
34
43
ns
tPHL, tPLH
Maximum Propagation
2.0V
75
150
189
ns
Delay G1 to any
4.5V
15
30
38
ns
Output
6.0V
13
26
32
ns
tPHL
Maximum Propagation
2.0V
82
175
221
ns
Delay G2A or G2B to
4.5V
28
35
44
ns
Output
6.0V
22
30
37
ns
tPLH
Maximum Propagation
2.0V
75
150
189
ns
Delay G2A or G2B to
4.5V
15
30
38
ns
Output
6.0V
13
26
32
ns
tTLH, tTHL
Output Rise and
2.0V
30
75
95
ns
Fall Time
4.5V
8
15
19
ns
6.0V
7
13
16
ns
CIN
Maximum Input
3
10
10
pF
Capacitance
CPD
Power Dissipation
(Note 6)
75
pF
Capacitance


Similar Part No. - MM74HC138M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC138M FAIRCHILD-MM74HC138M Datasheet
73Kb / 7P
   3-to-8 Line Decoder
MM74HC138MTC FAIRCHILD-MM74HC138MTC Datasheet
73Kb / 7P
   3-to-8 Line Decoder
More results

Similar Description - MM74HC138M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
   3-to-8 Line Decoder
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
   3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
   3-to-8 Line Decoder
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
   3 TO 8 LINE DECODER
June 1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
   3 TO 8 LINE DECODER
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
   3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
   3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
   3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
   3-to-8 Line Decoder
logo
Toshiba Semiconductor
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
   3-to-8 Line Decoder
2016-08-18
logo
ON Semiconductor
MC74VHCT138A ONSEMI-MC74VHCT138A Datasheet
155Kb / 6P
   3-to-8 Line Decoder
1997 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com