Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC86 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MM74HC86
Description  Quad 2-Input Exclusive OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MM74HC86 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC86 • Rev. 1.4.0
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
Absolute maximum ratings are stress ratings only. Unless otherwise specified, all voltages are referenced to ground.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
7.0
V
VIN
DC Input Voltage
-1.5
VCC +1.5
V
VOUT
DC Output Voltage
-0.5
VCC +0.5
V
IIK, IOK
Clamp Diode Current
±20
mA
IOUT
DC Output Current, per Pin
±25
mA
ICC
DC VCC or GND Current, per Pin
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TL
Lead Temperature (Soldering, 10 Seconds)
260
°C
PD
Power Dissipation
(3, 4)
600
mW
Note:
3.
Power dissipation temperature derating — plastic “N” package: -12 mW/°C from 65°C to 85°C.
4.
S.O. package only 500mW.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Conditions
Min.
Max.
Unit
VCC
Supply Voltage
2
6
V
VIN, VOUT
DC Input or Output Voltage
0
VCC
V
TA
Operating Temperature Range
-40
+85
°C
tR, tF
Input Rise or Fall Times
VCC = 2.0V
1000
ns
VCC = 4.5V
500
VCC = 6.0V
400


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn