Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM74HC86 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MM74HC86
Description  Quad 2-Input Exclusive OR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MM74HC86 Datasheet(HTML) 4 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
© 1983 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MM74HC86 • Rev. 1.4.0
3
DC Electrical Characteristics
(5)
Symbol
Parameter
Condition
VCC (V)
TA=25°C
TA=-40 to
+85°C
TA=-55 to
+125°C
Units
Typ.
Guaranteed Limit
VIH
Minimum HIGH Level
Input Voltage
2.0
1.5
1.5
1.5
V
4.5
3.15
3.15
3.15
6.0
4.2
4.2
4.2
VIL
Maximum LOW Level
Input Voltage
2.0
0.5
0.5
0.5
V
4.5
1.35
1.35
1.35
6.0
1.8
1.8
1.8
VOH
Minimum HIGH Level
Output Voltage
VIN = VIH or VIL,
|IOUT|
≤ 20µA
2.0
2.0
1.9
1.9
1.9
V
4.5
4.5
4.4
4.4
4.4
6.0
6.0
5.9
5.9
5.9
VIN = VIH or VIL,
|IOUT|
≤ 4.0mA
4.5
4.2
3.98
3.84
3.70
VIN = VIH or VIL,
|IOUT|
≤ 5.2mA
6.0
5.7
5.48
5.34
5.20
VOL
Maximum LOW Level
Output Voltage
VIN = VIH or VIL,
|IOUT|
≤ 20µA
2.0
0
0.1
0.1
0.1
V
4.5
0
0.1
0.1
0.1
6.0
0
0.1
0.1
0.1
VIN = VIH or VIL,
|IOUT|
≤ 4.0mA
4.5
0.2
0.26
0.33
0.40
VIN = VIH or VIL,
|IOUT|
≤ 5.2mA
6.0
0.2
0.26
0.33
0.40
IIN
Maximum Input Current
VIN = VCC or GND
6.0
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent
Supply Current
VIN = VCC or GND,
IOUT = 0mA
6.0
2.0
20
40
mA
Note:
5.
For a power supply of 5V ±10%, the worst-case output voltages (VOH and VOL) occur for HC at 4.5V. Thus, the
4.5V values should be used when designing with this supply. Worst-case VIH and VIL occur at VCC = 5.5V and
4.5V, respectively. (The VIH values at 5V and 5.5V are 3.5V and 3.85V, respectively.) The worst-case leakage
current (IIN, ICC, and IOZ) occurs for CMOS at the higher voltage, so the 6.0V values should be used.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn