Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6678 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6678
Description  Low Power 2-Channel Central-Office xDSL Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6678 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMH6678 Datasheet HTML 7Page - National Semiconductor (TI) LMH6678 Datasheet HTML 8Page - National Semiconductor (TI) LMH6678 Datasheet HTML 9Page - National Semiconductor (TI) LMH6678 Datasheet HTML 10Page - National Semiconductor (TI) LMH6678 Datasheet HTML 11Page - National Semiconductor (TI) LMH6678 Datasheet HTML 12Page - National Semiconductor (TI) LMH6678 Datasheet HTML 13Page - National Semiconductor (TI) LMH6678 Datasheet HTML 14Page - National Semiconductor (TI) LMH6678 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Application Notes
FUNCTIONAL DESCRIPTION
The LMH6678 contains two pairs of high speed/high output
current operational amplifiers configured as two amplifiers
differential inputs and outputs, as shown in Figure 1. Quies-
cent current can be set independently for each channel via
two control bits as depicted in table 1. Also, quiescent cur-
rent can be continuously varied by selection of an external
resistor between the ADJ pin and a supply voltage of either
+12V or +3.3V.
TABLE 1. Power Mode Logic
Control
Channel A (B)
Power Mode
B01 (B02)
B11 (B12)
Full Power
LL
2/3 Power
HL
1/3 Power
LH
Shutdown
HH
Channel A and B are set independently.
Two supply voltages are required, +12V ±10% and +3.3V
±10%. Current for the driver amplifiers, including their output
current, flows from the 12V analog V
CC (AVCC) supply and
Analog Ground (AGND.) For proper output swing and distor-
tion performance, both AV
CC pins must be connected to
+12V and the exposed metal pad must be soldered to
ground potential as described in the layout section. Both
AV
DD and DVDD pins must be connected to +3.3V. The
internal bias circuitry is powered from AV
DD and AGND while
the digital circuitry and charge pump are powered from DV
DD
and DGND. This allows separate bypassing and decoupling
for AV
DD and DVDD.
All supply voltage pins need a 0.1 µF ceramic capacitor in
parallel with a 4.7 µF capacitor as bypass capacitors. The
0.1 µF capacitor should be as close as possible to the supply
voltage pin and the larger capacitor placed next to it.
The LMH6678 delivers very low power consumption at a
single +12V analog supply voltage by a combination of its
circuit architecture and the on-chip dual charge pump. The
output stage is an emitter-follower type, which can provide
low distortion, low quiescent current and high peak output
currents.
The charge pumps generate two internal dc voltages, V
HIGH
= +15V and V
LOW = −3V. As shown in Figure 2,VHIGH and
V
LOW supply base currents for the output stages. This en-
ables the drivers to swing within a V
CE(sat) of VCC and
ground, giving the LMH6678 its high swing of +11.5 V
PP into
a31
Ω load.
20084041
FIGURE 1. Functional Block Diagram
www.national.com
11


Similar Part No. - LMH6678

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6672 NSC-LMH6672 Datasheet
599Kb / 14P
   Dual, High Output Current, High Speed Op Amp
logo
Texas Instruments
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
logo
National Semiconductor ...
LMH6672LD NSC-LMH6672LD Datasheet
599Kb / 14P
   Dual, High Output Current, High Speed Op Amp
LMH6672LDX NSC-LMH6672LDX Datasheet
599Kb / 14P
   Dual, High Output Current, High Speed Op Amp
LMH6672MA NSC-LMH6672MA Datasheet
599Kb / 14P
   Dual, High Output Current, High Speed Op Amp
More results

Similar Description - LMH6678

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6032 TI1-THS6032_14 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
THS6032 TI-THS6032 Datasheet
496Kb / 31P
[Old version datasheet]   LOW-POWER ADSL CENTRAL-OFFICE LINE DRIVER
logo
Intersil Corporation
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
EL1537 INTERSIL-EL1537 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
logo
Renesas Technology Corp
ISL1536 RENESAS-ISL1536 Datasheet
612Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
logo
Intersil Corporation
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
EL1537A INTERSIL-EL1537A Datasheet
48Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535_0707 INTERSIL-ISL1535_0707 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com