Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3227 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL3227
Description  1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3227 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL3227 Datasheet HTML 4Page - Intersil Corporation ICL3227 Datasheet HTML 5Page - Intersil Corporation ICL3227 Datasheet HTML 6Page - Intersil Corporation ICL3227 Datasheet HTML 7Page - Intersil Corporation ICL3227 Datasheet HTML 8Page - Intersil Corporation ICL3227 Datasheet HTML 9Page - Intersil Corporation ICL3227 Datasheet HTML 10Page - Intersil Corporation ICL3227 Datasheet HTML 11Page - Intersil Corporation ICL3227 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Powerdown Functionality
This 3V family of RS-232 interface devices requires a
nominal supply current of 0.3mA during normal operation
(not in powerdown mode). This is considerably less than the
5mA to 11mA current required of 5V RS-232 devices. The
already low current requirement drops significantly when the
device enters powerdown mode. In powerdown, supply
current drops to 1
µA, because the on-chip charge pump
turns off (V+ collapses to VCC, V- collapses to GND), and
the transmitter outputs three-state. Inverting receiver outputs
may or may not disable in powerdown; refer to Table 2 for
details. This micro-power mode makes these devices ideal
for battery powered and portable applications.
Software Controlled (Manual) Powerdown
These three devices allow the user to force the IC into the
low power, standby state, and utilize a two pin approach
where the FORCEON and FORCEOFF inputs determine the
IC’s mode. For always enabled operation, FORCEON and
FORCEOFF are both strapped high. To switch between
active and powerdown modes, under logic or software
control, only the FORCEOFF input need be driven. The
FORCEON state isn’t critical, as FORCEOFF dominates
over FORCEON. Nevertheless, if strictly manual control over
powerdown is desired, the user must strap FORCEON high
to disable the enhanced automatic powerdown circuitry.
ICL3245 inverting (standard) receiver outputs also disable
when the device is in powerdown, thereby eliminating the
possible current path through a shutdown peripheral’s input
protection diode (see Figures 2 and 3).
Connecting FORCEOFF and FORCEON together disables
the enhanced automatic powerdown feature, enabling them
to function as a manual SHUTDOWN input (see Figure 4).
TABLE 2. POWERDOWN LOGIC TRUTH TABLE
RCVR OR
XMTR
EDGE
WITHIN
30s?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
(NOTE 5)
ROUTB
OUTPUTS
RS-232
LEVEL
PRESENT
AT
RECEIVER
INPUT?
INVALID
OUTPUT
MODE OF OPERATION
ICL3225, ICL3227
NO
H
H
Active
Active
N.A.
No
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
N.A.
Yes
H
YES
H
L
Active
Active
N.A.
No
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
N.A.
Yes
H
NO
H
L
High-Z
Active
N.A.
No
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
N.A.
Yes
H
X
L
X
High-Z
Active
N.A.
No
L
Manual Powerdown
X
L
X
High-Z
Active
N.A.
Yes
H
ICL322X - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
NOTE 6
NOTE 6
Active
Active
N.A.
Yes
H
Normal Operation
X
NOTE 6
NOTE 6
High-Z
Active
N.A.
No
L
Forced Auto Powerdown
ICL3245
NO
H
H
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
Active
Yes
H
YES
H
L
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
Active
Yes
H
NO
H
L
High-Z
Active
Active
No
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
Active
Yes
H
X
L
X
High-Z
High-Z
Active
No
L
Manual Powerdown
X
L
X
High-Z
High-Z
Active
Yes
H
ICL3245 - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
NOTE 6
NOTE 6
Active
Active
Active
Yes
H
Normal Operation
X
NOTE 6
NOTE 6
High-Z
High-Z
Active
No
L
Forced Auto Powerdown
NOTES:
5. Applies only to the ICL3245.
6. Input is connected to INVALID Output.
ICL3225, ICL3227, ICL3245


Similar Part No. - ICL3227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ICL3227E INTERSIL-ICL3227E Datasheet
450Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
logo
Renesas Technology Corp
ICL3227E RENESAS-ICL3227E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3227

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225E INTERSIL-ICL3225E_06 Datasheet
442Kb / 20P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225E RENESAS-ICL3225E Datasheet
986Kb / 22P
   짹15kV ESD Protected, 3V to 5.5V, 1關A, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com