Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V8222A Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM51V8222A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V8222A Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V8222A Datasheet HTML 1Page - OKI electronic componets MSM51V8222A Datasheet HTML 2Page - OKI electronic componets MSM51V8222A Datasheet HTML 3Page - OKI electronic componets MSM51V8222A Datasheet HTML 4Page - OKI electronic componets MSM51V8222A Datasheet HTML 5Page - OKI electronic componets MSM51V8222A Datasheet HTML 6Page - OKI electronic componets MSM51V8222A Datasheet HTML 7Page - OKI electronic componets MSM51V8222A Datasheet HTML 8Page - OKI electronic componets MSM51V8222A Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
¡ Semiconductor
MSM51V8222A
DESCRIPTION
The OKI MSM51V8222A is a high performance 2-Mbit, 256K ¥ 8-bit, Field Memory. It is designed
for high-speed serial access applications such as HDTVs, conventional NTSC TVs, VTRs, digital
movies and Multi-media systems. It is a FRAM for wide or low end use as general commodity
TVs and VTRs, exclusively. The MSM51V8222A is not designed for the other use or high end
use in medical systems, professional graphics systems which require long term picture, and
data storage systems and others. The 2-Mbit capacity fits one field of a conventional NTSC TV
screen. Two cascaded MSM51V8222As make one frame of the screen: two or more MSM51V8222As
can be cascaded directly without any delay devices between them. (Cascading provides larger
storage depth or a longer delay).
Each of the 8-bit planes has separate serial write and read ports. These employ independent control
clocks to support asynchronous read and write operations. Different clock rates are also supported,
which allow alternate data rates between write and read data streams.
The MSM51V8222A provides high speed FIFO, First-In First-Out, operation without external
refreshing: it refreshes its DRAM storage cells automatically, so that it appears fully static to the users.
Moreover, fully static type memory cells and decoders for serial access enable the refresh free serial
access operation, so that serial read and/or write control clock can be halted high or low for any
duration as long as the power is on. Internal conflicts of memory access and refreshing operations
are prevented by special arbitration logic.
The MSM51V8222A's function is simple, and similar to a digital delay device whose delay-bit-length
is easily set by reset timing. The delay length, and the number of read delay clocks between write
and read, is determined by externally controlled write and read reset timings.
Additional SRAM serial registers, or line buffers for the initial access of 256 ¥ 8-bit enable high speed
first-bit-access with no clock delay just after the write or read reset timings.
The MSM51V8222A is similar in operation and functionality to OKI 1-Mbit Field Memory
MSM51V4221C, with the addition of cascade capability. (As for MSM51V4221C operation
compatible 2-Mbit Field Memory, OKI has the MSM51V8221A which is a sister device of
MSM51V8222A).
Additionally, the MSM51V8222A has a write mask function or input enable function (IE), and read-
data skipping function or output enable function (OE). The differences between write enable (WE)
and input enable (IE), and between read enable (RE) and output enable (OE) are that WE and RE can
stop serial write/read address increments, but IE and OE cannot stop the increment, when write/
read clocking is continuously applied to MSM51V8222A. The input enable (IE) function allows the
user to write into selected locations of the memory only, leaving the rest of the memory contents
unchanged. This facilitates data processing to display a "picture in picture" on a TV screen.
¡ Semiconductor
MSM51V8222A
262,214-Word
¥ 8-Bit Field Memory
E2L0055-28-Z2
This version: Dec. 1998
Previous version: Mar. 1998


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn