Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5116PIMSOP Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT5116PIMSOP
Description  Log-Taper, 100-Tap Digitally Programmable Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5116PIMSOP Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT5116PIMSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5116PIMSOP Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAT5116
4
Doc. No. 2118, Rev. J
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RPOT
Potentiometer Resistance
32
k
RTOL
Pot Resistance Tolerance
± 20
%
VRH
Voltage on RH pin
0
VCC
V
VRL
Voltage on RL pin
0
VCC
V
RV*
Relative Variation
0.05
RWi
Wiper Resistance
VCC = 5V, IW = 1mA
200
400
VCC = 2.5V, IW = 1mA
400
1000
IW
Wiper Current
1
mA
TCRPOT
TC of Pot Resistance
300
ppm/oC
TCRATIO
Ratiometric TC
20
ppm/oC
VN
Noise
100kHz / 1kHz
8/24
nV/ Hz
CH/CL/CW
Potentiometer Capacitances
8/8/25
pF
fc
Frequency Response
Passive Attenuator, 10k
1.7
MHz
POTENTIOMETER PARAMETERS
* Relative variation is a measure of the error in step size between taps
= log (VW(N)) - log(VW(N-1)) = 0.045 + 0.003
Symbol
Parameter
Min
Typ(1)
Max
Units
tCI
CS to INC Setup
100
ns
tDI
U/
D to INC Setup
50
ns
tID
U/
D to INC Hold
100
ns
tIL
INC LOW Period
250
ns
tIH
INC HIGH Period
250
ns
tIC
INC Inactive to CS Inactive
1
µs
tCPH1
CS Deselect Time (NO STORE)
100
ns
tCPH2
CS Deselect Time (STORE)
10
ms
tIW
INC to VOUT Change
1
5
µs
tCYC
INC Cycle Time
1
µs
tR, tF(2)
INC Input Rise and Fall Time
500
µs
tPU(2)
Power-up to Wiper Stable
1
msec
tWR
Store Cycle
5
10
ms
AC OPERATING CHARACTERISTICS
VCC = +2.5V to +5.5V, VH = VCC, VL = 0V, unless otherwise specified
AC TEST CONDITIONS
VCC Range
2.5V
≤ VCC ≤ 5.5V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10ns
Input Reference Levels
0.5VCC


Similar Part No. - CAT5116PIMSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5116 ONSEMI-CAT5116 Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
CAT5116LI ONSEMI-CAT5116LI Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
More results

Similar Description - CAT5116PIMSOP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com