Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DJ3200 Datasheet(PDF) 36 Page - Texas Instruments

Part # ADC12DJ3200
Description  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ3200 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC12DJ3200_19 Datasheet HTML 32Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 33Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 34Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 35Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 36Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 37Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 38Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 39Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 155 page
background image
Sample Number
0
5000
10000
15000
20000
25000
30000
35000
0
500
1000
1500
2000
2500
3000
3500
4000
Zoomed Area
in Following Plot
D125
Sample Number
14400
14800
15200
15600
16000
16400
1500
1550
1600
1650
1700
1750
1800
1850
1900
1950
2000
2050
2100
2150
2200
D126
Frequency (Hz) - FFT Plot
0
8E+8
1.6E+9
2.4E+9
3.2E+9
-150
-120
-90
-60
-30
0
SNR = 57.3 dBFS
SFDR = 67.6 dBFS
ENOB = 8.71 Bits
D137
Frequency (Hz) - FFT Plot
0
4E+8
8E+8
1.2E+9
1.6E+9
-150
-120
-90
-60
-30
0
SNR = 57.1 dBFS
SFDR = 73.9 dBFS
ENOB = 9.13 Bits
D142
36
ADC12DJ3200
SLVSD97 – JUNE 2017
www.ti.com
Product Folder Links: ADC12DJ3200
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Typical values at TA = +25°C, VA19 = 1.9V, VA11 = VD11 = 1.1V, default full-scale voltage (FS_RANGE_A = FS_RANGE_B
= 0xA000), input signal applied to INA+/- in single channel modes, fIN = 347 MHz, AIN = -1dBFS, fCLK = maximum rated clock
frequency, filtered, 1-Vpp sine-wave clock, JMODE=1, background calibration, unless otherwise noted. SNR results exclude
DC, HD2 to HD9 and interleaving spurs. SINAD, ENOB and SFDR results exclude DC and fixed frequency interleaving spurs.
JMODE1
FIN = 8200 MHz
FG Calibration
Figure 58. Single Tone FFT at AIN = -16 dBFS
JMODE3
FIN = 8200 MHz
FG Calibration
Figure 59. Single Tone FFT at AIN = -16 dBFS
JMODE2
FCLK = 3200 MHz
FIN = 3199.9 MHz
Figure 60. Background Calibration Core Transition - AC
Signal
JMODE2
FCLK = 3200 MHz
FIN = 3199.9 MHz
Figure 61. Background Calibration Core Transition - AC
Signal Zoomed


Similar Part No. - ADC12DJ3200_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200NWE/EM TI1-ADC12DJ3200NWE/EM Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12DJ3200_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com