Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12DJ3200 Datasheet(PDF) 27 Page - Texas Instruments

Part # ADC12DJ3200
Description  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ3200 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADC12DJ3200_19 Datasheet HTML 23Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 24Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 25Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 26Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 27Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 28Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 29Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 30Page - Texas Instruments ADC12DJ3200_19 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 155 page
background image
Fin (MHz)
0
2000
4000
6000
8000
10000
-85
-80
-75
-70
-65
-60
-55
-50
D130
H2 (dBFS)
H3 (dBFS)
THD (dBFS)
Fclk (MHz)
800
1200
1600
2000
2400
2800
3200
2
2.2
2.4
2.6
2.8
3
3.2
D008
Fin (MHz)
0
2000
4000
6000
8000
10000
7
7.25
7.5
7.75
8
8.25
8.5
8.75
9
D002
BG Calibration
FG Calibration
Fin (MHz)
0
2000
4000
6000
8000
10000
40
45
50
55
60
65
70
75
D129
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
Fin (MHz)
0
2000
4000
6000
8000
10000
7.25
7.5
7.75
8
8.25
8.5
8.75
9
9.25
D132
Fin (MHz)
0
2000
4000
6000
8000
10000
40
45
50
55
60
65
70
75
D131
SNR (dBFS)
SINAD (dBFS)
SFDR (dBFS)
27
ADC12DJ3200
www.ti.com
SLVSD97 – JUNE 2017
Product Folder Links: ADC12DJ3200
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.10 Typical Characteristics
Typical values at TA = +25°C, VA19 = 1.9V, VA11 = VD11 = 1.1V, default full-scale voltage (FS_RANGE_A = FS_RANGE_B
= 0xA000), input signal applied to INA+/- in single channel modes, fIN = 347 MHz, AIN = -1dBFS, fCLK = maximum rated clock
frequency, filtered, 1-Vpp sine-wave clock, JMODE=1, background calibration, unless otherwise noted. SNR results exclude
DC, HD2 to HD9 and interleaving spurs. SINAD, ENOB and SFDR results exclude DC and fixed frequency interleaving spurs.
JMODE3
FCLK = 3200 MHz
FG Calibration
Figure 4. ENOB vs Input Frequency
JMODE3
FCLK = 3200 MHz
FG Calibration
Figure 5. SNR, SINAD, SFDR vs Input Frequency
JMODE1
FCLK = 3200 MHz
FG+BG Calibration
Figure 6. ENOB vs Input Frequency
JMODE1
FCLK = 3200 MHz
FG Calibration
Figure 7. SNR, SINAD, SFDR vs Input Frequency
JMODE1
FCLK = 3200 MHz
FG Calibration
Figure 8. H2, H3, THD vs Input Frequency
JMODE1
FIN = 347 MHz
FG Calibration
Figure 9. Power Consumption vs Clock Frequency


Similar Part No. - ADC12DJ3200_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAV TI1-ADC12DJ3200AAV Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200NWE/EM TI1-ADC12DJ3200NWE/EM Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Similar Description - ADC12DJ3200_19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com