Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V8221A Datasheet(PDF) 6 Page - OKI electronic componets

Part No. MSM51V8221A
Description  262,214-Word x 8-Bit Field Memory
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V8221A Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM51V8221A Datasheet HTML 2Page - OKI electronic componets MSM51V8221A Datasheet HTML 3Page - OKI electronic componets MSM51V8221A Datasheet HTML 4Page - OKI electronic componets MSM51V8221A Datasheet HTML 5Page - OKI electronic componets MSM51V8221A Datasheet HTML 6Page - OKI electronic componets MSM51V8221A Datasheet HTML 7Page - OKI electronic componets MSM51V8221A Datasheet HTML 8Page - OKI electronic componets MSM51V8221A Datasheet HTML 9Page - OKI electronic componets MSM51V8221A Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
¡ Semiconductor
MSM51V8221A
Read Operation
The read operation is controlled by three clocks, SRCK, RSTR, and RE. Read operation is
accomplished by cycling SRCK, and holding RE high after the read address pointer reset operation
or RSTR.
Each read operation, which begins after RSTR, must contain at least 80 active read cycles, i.e. SRCK
cycles while RE is high.
Read Reset : RSTR
The first positive transition of SRCK after RSTR becomes high resets the read address counters to
zero. RSTR setup and hold times are referenced to the rising edge of SRCK. Because the read reset
function is solely controlled by the SRCK rising edge after the high level of RSTR, the states of RE and
OE are ignored in the read reset cycle.
Before RSTR may be brought high again for a further reset operation, it must be low for at least two
SRCK cycles.
Data Out : DOUT0 - 7
Read Clock : SRCK
Data is shifted out of the data registers. It is triggered by the rising edge of SRCK when RE is high
during a read operation. The SRCK input increments the internal read address pointer when RE is
high.
The three-state output buffer provides direct TTL compatibility (no pullup resistor required). Data
out is the same polarity as data in. The output becomes valid after the access time interval tAC that
begins with the rising edge of SRCK. There are no output valid time restrictions on MSM51V8221A.
Read Enable : RE
The function of RE is to gate of the SRCK clock for incrementing the read pointer. When RE is high
before the rising edge of SRCK, the read pointer is incremented. When RE is low, the read pointer
is not incremented. RE setup times (tRENS and tRDSS) and RE hold times (tRENH and tRDSH) are
referenced to the rising edge of the SRCK clock.
Output Enable : OE
OE is used to enable/disable the outputs. OE high level enables the outputs. The internal read
address pointer is always incremented by cycling SRCK regardless of the OE level. Note that OE
setup and hold times are referenced to the rising edge of SRCK.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MSM518221262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM51V8222A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518221A262 214-Word x 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM518222A262 214-Word X 8-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222A262 214-Word x 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM5412222B262 214-Word × 12-Bit Field Memory 1 2 3 4 5 MoreOKI electronic componets
MSM54V12222A262 214 Words x 12 Bits FIELD MEMORY 1 2 3 4 5 MoreOKI electronic componets

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn