Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8LNP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # T8LNP
Description  Stepping Motor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

T8LNP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  T8LNP Datasheet HTML 1Page - Sanyo Semicon Device T8LNP Datasheet HTML 2Page - Sanyo Semicon Device T8LNP Datasheet HTML 3Page - Sanyo Semicon Device T8LNP Datasheet HTML 4Page - Sanyo Semicon Device T8LNP Datasheet HTML 5Page - Sanyo Semicon Device T8LNP Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Sanyo Seimitsu, Inc.1771 Nakamaruko, Maruko City, Nagano Prefecture, Japan
Page 1 of 6
Specifications: Stepping Motor T8LNP-60
1. Product Description
Model Number: Stepping Motor T8LNP-60
2. Motor Characteristics
Electrical Characteristics
[Measurement Conditions]
• Motor Configuration: Horizontal output shaft
• Temperature/Humidity: Measurement is, in principle, performed at -10°C~50°C and rel-
ative humidity of 30~90%. If in doubt, use the JIS standard temperature state (25 ±2°C,
65 ±5%).
Standard Drive Circuit: LB1836M (Sanyo)
Item
Content
Notes
Model
PM-Type Stepping Motor
No. of Phases
2
Number of Magnetic
Poles Applied to Rotor
10
Basic Step Angle
18° (2-phase excitation)
Rated Voltage
DC 6.5V
Excitation Method
2-phase bipolar excitation
Coil Resistance
60 ±10%Ω/Phase
25°C conversion value
Insulation Class
E Class 115°C
Insulation Resistance
At least 10MΩ at 50V DC
Insulation Resistance
1 min. at 50V AC
Coil Inductance
10.5mH/Phase ±20% (Refer-
ence value)
(at 1KHz, 1Vrms)
Temperature 25 ±2°C
Humidity 65 ±5%


Similar Part No. - T8LNP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T8LGRXNQP ETC2-T8LGRXNQP Datasheet
2Mb / 5P
   DC-Operated LED Indicators with Two or Three Colors
T8LGRXPQP ETC2-T8LGRXPQP Datasheet
2Mb / 5P
   DC-Operated LED Indicators with Two or Three Colors
T8LGXYNQP ETC2-T8LGXYNQP Datasheet
2Mb / 5P
   DC-Operated LED Indicators with Two or Three Colors
T8LGXYPQP ETC2-T8LGXYPQP Datasheet
2Mb / 5P
   DC-Operated LED Indicators with Two or Three Colors
T8LXRYNQP ETC2-T8LXRYNQP Datasheet
2Mb / 5P
   DC-Operated LED Indicators with Two or Three Colors
More results

Similar Description - T8LNP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST4118X1404-A ETC2-ST4118X1404-A Datasheet
126Kb / 1P
   Stepping Motor
ST5918L3008 ETC2-ST5918L3008 Datasheet
122Kb / 1P
   Stepping Motor
ST4118M1804 ETC2-ST4118M1804 Datasheet
60Kb / 1P
   Stepping Motor
logo
EXCEL CELL ELECTRONIC C...
2T1513 ECE-2T1513 Datasheet
715Kb / 2P
   Stepping Motor
2T1515 ECE-2T1515 Datasheet
424Kb / 2P
   Stepping Motor
2T3024 ECE-2T3024 Datasheet
719Kb / 2P
   Stepping Motor
logo
List of Unclassifed Man...
ST5918M3008-A ETC2-ST5918M3008-A Datasheet
107Kb / 1P
   Stepping Motor
ST4118L1804 ETC2-ST4118L1804 Datasheet
143Kb / 1P
   Stepping motor
logo
EXCEL CELL ELECTRONIC C...
2H42A ECE-2H42A Datasheet
148Kb / 1P
   Stepping Motor
2T42X2 ECE-2T42X2 Datasheet
747Kb / 2P
   Stepping Motor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com