Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST34HF1642D-70-4E-L1PE Datasheet(PDF) 6 Page - Silicon Storage Technology, Inc

Part # SST34HF1642D-70-4E-L1PE
Description  16 Mbit Concurrent SuperFlash 2/4/8 Mbit SRAM ComboMemory
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST34HF1642D-70-4E-L1PE Datasheet(HTML) 6 Page - Silicon Storage Technology, Inc

Back Button SST34HF1642D-70-4E-L1PE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST34HF1642D-70-4E-L1PE Datasheet HTML 10Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
Advance Information
16 Mbit Concurrent SuperFlash + 2/4/8 Mbit SRAM ComboMemory
SST34HF1602C / SST34HF1622C / SST34HF1642C
SST34HF1642D / SST34HF1682D / SST34HF1622S / SST34HF1642S
©2004 Silicon Storage Technology, Inc.
S71256-00-000
3/04
Product Identification
The Product Identification mode identifies the device as the
SST34HF16x2C/D/S and manufacturer as SST. This
mode may be accessed by software operations only. The
hardware device ID Read operation, which is typically used
by programmers cannot be used on this device because of
the shared lines between flash and (P)SRAM in the multi-
chip package. Therefore, application of high voltage to pin
A9 may damage this device. Users may use the software
Product Identification operation to identify the part (i.e.,
using the device ID) when using multiple manufacturers in
the same socket. For details, see Tables 4 and 7 for soft-
ware operation, Figure 16 for the Software ID Entry and
Read timing diagram and Figure 24 for the ID Entry com-
mand sequence flowchart.
Note: BK = Bank Address (A19-A18)
Product Identification Mode Exit
In order to return to the standard Read mode, the Software
Product Identification mode must be exited. Exit is accom-
plished by issuing the Software ID Exit command
sequence, which returns the device to the Read mode.
This command may also be used to reset the device to the
Read mode after any inadvertent transient condition that
apparently causes the device to behave abnormally, e.g.,
not read correctly. Please note that the Software ID Exit
command is ignored during an internal Program or Erase
operation. See Table 7 for software command codes, Fig-
ure 17 for timing waveform and Figure 24 for a flowchart.
(P)SRAM Operation
With
BES1#
low,
BES2
and
BEF#
high,
the
SST34HF16x2C/D/S operate as either 128K x16, 256K
x16, or 512K x16 CMOS (P)SRAM, with fully static opera-
tion requiring no external clocks or timing strobes. The
SST34HF16x2C/D/S (P)SRAM is mapped into the first 512
KWord address space. When BES1#, BEF# are high and
BES2 is low, all memory banks are deselected and the
device enters standby. Read and Write cycle times are
equal. The control signals UBS# and LBS# provide access
to the upper data byte and lower data byte (UBS# and
LBS# signals are NC for SST3416x2S parts). See Table 4
for x16 (P)SRAM Read and Write data byte control modes
of operation. See Table 5 for x8 SRAM Read and Write
data byte control modes of operation.
(P)SRAM Read
The (P)SRAM Read operation of the SST34HF16x2C/D/S
is controlled by OE# and BES1#, both have to be low with
WE# and BES2 high for the system to obtain data from the
outputs. BES1# and BES2 are used for (P)SRAM bank
selection. OE# is the output control and is used to gate
data from the output pins. The data bus is in high imped-
ance state when OE# is high. Refer to the Read cycle tim-
ing diagram, Figure 5, for further details.
(P)SRAM Write
The (P)SRAM Write operation of the SST34HF16x2C/D/S
is controlled by WE# and BES1#, both have to be low,
BES2 must be high for the system to write to the (P)SRAM.
During the Word-Write operation, the addresses and data
are referenced to the rising edge of either BES1#, WE#, or
the falling edge of BES2 whichever occurs first. The write
time is measured from the last falling edge of BES#1 or
WE# or the rising edge of BES2 to the first rising edge of
BES1#, or WE# or the falling edge of BES2. Refer to the
Write cycle timing diagrams, Figures 6 and 7, for further
details.
TABLE
2: PRODUCT IDENTIFICATION
ADDRESS
DATA
Manufacturer’s ID
BK0000H
00BFH
Device ID
SST34HF16x2C/D/S
BK0001H
734AH
T2.0 1256


Similar Part No. - SST34HF1642D-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1641 SST-SST34HF1641 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4C-L1P SST-SST34HF1641-70-4C-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4C-LFP SST-SST34HF1641-70-4C-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4E-L1P SST-SST34HF1641-70-4E-L1P Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1641-70-4E-LFP SST-SST34HF1641-70-4E-LFP Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results

Similar Description - SST34HF1642D-70-4E-L1PE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF1621C SST-SST34HF1621C Datasheet
648Kb / 38P
   16 Mbit Concurrent SuperFlash 2/4 Mbit SRAM ComboMemory
SST34HF1681 SST-SST34HF1681 Datasheet
472Kb / 30P
   16 Mbit Concurrent SuperFlash 8 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF1641J SST-SST34HF1641J Datasheet
966Kb / 37P
   16 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF3244 SST-SST34HF3244 Datasheet
943Kb / 41P
   32 Mbit Concurrent SuperFlash 4/8 Mbit PSRAM ComboMemory
SST34HF32A4 SST-SST34HF32A4 Datasheet
973Kb / 37P
   32 Mbit Concurrent SuperFlash 16 Mbit PSRAM ComboMemory
SST36VF1601 SST-SST36VF1601 Datasheet
404Kb / 26P
   16 Mbit Concurrent SuperFlash
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com