Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC34701R2 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MC34701R2
Description  1.5 A Switch-Mode Power Supply with Linear Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34701R2 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MC34701R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34701R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
34701
INTERNAL BLOCK DIAGRAM
INTERNAL BLOCK DIAGRAM
Figure 2. 34701 Simplified Internal Block Diagram
VIN1
VBST
VBD
VIN
VDDI
Internal
Supply
Boost
Control
Bandgap
Voltage
Reference
EN1
EN2
RT
ADDR
SDA
SCL
RST
Power
Sequencing
Voltage Margining
Watchdog Timer
Reset
Control
POR
Timer
Buck
Control
Logic
Buck
HS
and
LS
Driver
Thermal
Limit
I2C
Interface
Switcher
Oscillator
300 kHz
Ramp
Gen.
UVLO
Linear
Regulator
Control
ILim
+
-
+
-
VBST
VREF
VREF
VREF
VREF
VBST
VBST
VBST
VDDI
VDDI
VDDI
VDDI
VDDI
VDDI
LDRV
CS
LDO
LFB
LCMP
BOOT
SW
VIN2
PGND
INV
VOUT
GND
FREQ
CLKSYN
CLKSEL
(4)
(2)
(2)
(2)
8.0 V
0.8 V
Reset
Power
Enable
SysCon
I2C
Control
SysCon
SoftSt
Power
Down
Current Limit
PWM
Comp
Error
Amp
VLDO
VOUT
To Reset
Control
VOUT
Power
Seq
Power
Seq
I2C
Control
Q1
Q2
INV
LFB
Q3
Q4
To Reset
Control
Q5
Q6


Similar Part No. - MC34701R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34701 FREESCALE-MC34701 Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
MC34701EK FREESCALE-MC34701EK Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34701EKR2 FREESCALE-MC34701EKR2 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
More results

Similar Description - MC34701R2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com