Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5116VISOIC Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5116VISOIC
Description  Log-Taper, 100-Tap Digitally Programmable Potentiometer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5116VISOIC Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5116VISOIC Datasheet HTML 1Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 2Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 3Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 4Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 5Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 6Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 7Page - Catalyst Semiconductor CAT5116VISOIC Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Doc. No. 2118, Rev. J
CAT5116
Wiper-Low/High Resistances vs. Wiper Position
0
10
20
30
40
50
60
70
80
90
100
WIPER POSITION
RH-RW
RW-RL
Wiper-Low Resistance vs. Wiper Position (log scale)
0.1
1.0
10.0
100.0
Wiper Resistance vs. Wiper Voltage
0
100
200
300
400
500
600
012
3456
WIPER VOLTAGE[V]
Vcc = 4.4V
Tap 84
Vcc = 3.0V
Tap 84
Standby Supply Current vs. Temperature
0
20
40
60
80
100
-40
-15
10
35
60
85
Vcc = 5 V
Vcc = 2.5 V
TEMPERATURE [
°C]
WIPER POSITION
TYPICAL CHARACTERISTICS
VCC = 5V, TAMB = 25°C,unless otherwise specified


Similar Part No. - CAT5116VISOIC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5116VI-G CATALYST-CAT5116VI-G Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116VI-G ONSEMI-CAT5116VI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
CAT5116VI-G ONSEMI-CAT5116VI-G Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
CAT5116VI-G ONSEMI-CAT5116VI-G Datasheet
165Kb / 11P
   Log?릘aper, 100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 14
CAT5116VI-GT3 ONSEMI-CAT5116VI-GT3 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
More results

Similar Description - CAT5116VISOIC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
CAT5116 ONSEMI-CAT5116 Datasheet
616Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116_07 Datasheet
264Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer (DPP??
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
   100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com