Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5200BRM50-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD5200BRM50-REEL7
Description  256-Position and 33-Position Digital Potentiometers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5200BRM50-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD5200BRM50-REEL7 Datasheet HTML 1Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 2Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 3Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 4Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 5Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 6Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 7Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 8Page - Analog Devices AD5200BRM50-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD5200/AD5201
–5–
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted)
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3, +7 V
VSS to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, –7 V
VA, VB, VW to GND . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
IMAX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20 mA2
Digital Inputs and Output Voltage to GND . . . . . . . 0 V, 7 V
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Maximum Junction Temperature (TJ Max) . . . . . . . . . 150
°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . 300
°C
Thermal Resistance
θ
JA,
µSOIC-10 . . . . . . . . . . . . . 200°C/W
Package Power Dissipation = (TJ Max – TA)/
θJA
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating; functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Max current is bounded by the maximum current handling of the switches,
maximum power dissipation of the package, and maximum applied voltage across
any two of the A, B, and W terminals at a given resistance. Please refer to TPC 31
and TPC 32 for detail.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
10
9
8
7
6
1
2
3
4
5
AD5200/
AD5201
B
VSS
GND
CS
SDI
A
W
VDD
SHDN
CLK
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD5200/AD5201 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
PIN FUNCTION DESCRIPTIONS
Pin
Name
Description
1
B
B Terminal.
2VSS
Negative Power Supply, specified for opera-
tion from 0 V to –2.7 V.
3
GND
Ground.
4
CS
Chip Select Input, Active Low. When
CS
returns high, data will be loaded into the
DAC register.
5
SDI
Serial Data Input.
6
CLK
Serial Clock Input, positive edge triggered.
7
SHDN
Active Low Input. Terminal A open circuit.
Shutdown controls Variable Resistors of
RDAC to temporary infinite.
8VDD
Positive Power Supply (Sum of VDD + VSS
≤ 5.5 V).
9
W
Wiper Terminal.
10
A
A Terminal.
ORDERING GUIDE
Temperature
Package
Package
Full
Branding
Model
RES
k
Range
Description
Option
Reel Qty.
Information
AD5200BRM10-REEL7
256
10
–40
°C/+85°C
µSOIC-10
RM-10
5000
DLA
AD5200BRM50-REEL7
256
50
–40
°C/+85°C
µSOIC-10
RM-10
5000
DLB
AD5201BRM10-REEL7
33
10
–40
°C/+85°C
µSOIC-10
RM-10
5000
DMA
AD5201BRM50-REEL7
33
50
–40
°C/+85°C
µSOIC-10
RM-10
5000
DMB


Similar Part No. - AD5200BRM50-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results

Similar Description - AD5200BRM50-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
   256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
   256-/1024-Position, Digital Potentiometers
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241 AD-AD5241_09 Datasheet
550Kb / 20P
   I2C-Compatible, 256-Position Digital Potentiometers
REV. C
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com