Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS5A3357DCUR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part No. TS5A3357DCUR
Description  SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357DCUR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TS5A3357DCUR Datasheet HTML 11Page - Texas Instruments TS5A3357DCUR Datasheet HTML 12Page - Texas Instruments TS5A3357DCUR Datasheet HTML 13Page - Texas Instruments TS5A3357DCUR Datasheet HTML 14Page - Texas Instruments TS5A3357DCUR Datasheet HTML 15Page - Texas Instruments TS5A3357DCUR Datasheet HTML 16Page - Texas Instruments TS5A3357DCUR Datasheet HTML 17Page - Texas Instruments TS5A3357DCUR Datasheet HTML 18Page - Texas Instruments TS5A3357DCUR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TS5A3357
SINGLE 5 W SP3T ANALOG SWITCH
5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS177 – OCTOBER 2004
www.ti.com
15
PARAMETER MEASUREMENT INFORMATION
V+
ICOM
ron +
V
COM * VNO
I
COM
W
GND
Channel ON
NO0
VIN1
NO1/NO2
COM
VCOM
VIN = VIH or VIL
VNO
VIN2
Logic
Control
Figure 13. ON-State Resistance (ron)
Channel OFF
VCOM = 0 to V+
OFF-State Leakage Current
or
VIN = VIH or VIL
VNO = 0 to V+
Channel ON
VNO = Open, VCOM = 0 to V+
ON-State Leakage Current
or
VIN = VIH or VIL
VNO = 0 to V+, VCOM = Open
V+
GND
NO0
VIN1
NO1/NO2
COM
VCOM
VNO
VIN2
Logic
Control
Figure 14. ON and OFF State Leakage Current (ICOM(ON), ICOM(OFF), INO(OFF), INO(ON))
V+
GND
VBIAS
VIN1
VIN = VIH or VIL
VBIAS = V+ or GND
Capacitance is measured at NO,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VCOM
VNO
COM
Logic
Control
VIN2
NO0−NO2
Figure 15. Capacitance (CIN, CCOM(ON), CCOM(OFF), CNO(OFF), CNO(ON))


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FSA3357 Low Voltage SP3T Analog Switch 3:1 Multiplexer/Demultiplexer 1  2  3  4  5  More Fairchild Semiconductor
TS5A3359 1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3 1  2  3  4  5  More Texas Instruments
DG9431 Low-Voltage Single SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
BU4S66 Single analog switch 1  2  3  4  Rohm
ISL43640 Low-Voltage Single Supply 4 to 1 Multiplexer High Performance Analog Switch 1  2  3  4  5  More Intersil Corporation
NLAST4599 Low Voltage Single Supply SPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
DG2012 Low-Voltage Single SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn