Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS5A3357DCUR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part No. TS5A3357DCUR
Description  SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3357DCUR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS5A3357DCUR Datasheet HTML 3Page - Texas Instruments TS5A3357DCUR Datasheet HTML 4Page - Texas Instruments TS5A3357DCUR Datasheet HTML 5Page - Texas Instruments TS5A3357DCUR Datasheet HTML 6Page - Texas Instruments TS5A3357DCUR Datasheet HTML 7Page - Texas Instruments TS5A3357DCUR Datasheet HTML 8Page - Texas Instruments TS5A3357DCUR Datasheet HTML 9Page - Texas Instruments TS5A3357DCUR Datasheet HTML 10Page - Texas Instruments TS5A3357DCUR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TS5A3357
SINGLE 5 W SP3T ANALOG SWITCH
5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
SCDS177 – OCTOBER 2004
www.ti.com
7
Electrical Characteristics for 2.5 V Supply
(V+ = 2.3 V TO 2.7 V AND TA = −40 °C TO 85 °C) (UNLESS OTHERWISE NOTED)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP(1)
MAX
UNIT
ANALOG SWITCH
Analog Signal Range
VCOM,VNO
0
V+
V
Peak On-Resistance
rpeak
0
≤ VNO ≤ V+, ICOM = −8 mA,
Switch ON,
see Figure 12
Full
2.3 V
50
VNO = 0 V, ICOM = 8 mA
25
°C
8
12
On-Resistance
ron
VNO = 0 V, ICOM = 8 mA
Switch ON,
Full
2.3 V
12
On-Resistance
ron
VNO = 2.3 V, ICOM = −8 mA
Switch ON,
see Figure 12
25
°C
2.3 V
11
30
VNO = 2.3 V, ICOM = −8 mA
Full
30
On-Resistance
match between
channels
∆ron
VNO = 1.6 V,
ICOM = −8 mA,
Switch ON,
see Figure 12
25
°C
2.3 V
0.3
On-Resistance
flatness
ron(flat)
0
≤ VNO ≤ V+,
ICOM = −8 mA,
Switch ON,
see Figure 12
25
°C
2.5 V
39
NO Off-Leakage
INO(OFF)
VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
25
°C
2.7 V
−0.1
0.1
A
NO Off-Leakage
Current
INO(OFF)
VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
see Figure 13
Full
2.7 V
−1
1
µA
COM Off-Leakage
ICOM(OFF) VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
25
°C
2.7 V
−0.1
0.1
A
COM Off-Leakage
Current
ICOM(OFF) VNO = 0 to V+, VCOM = V+ to 0,
Switch OFF,
see Figure 13
Full
2.7 V
−1
1
µA
NO On-Leakage
INO(ON)
VNO = 0 to V+, VCOM = Open,
Switch ON,
25
°C
2.7 V
−0.1
0.1
A
NO On-Leakage
Current
INO(ON)
VNO = 0 to V+, VCOM = Open,
Switch ON,
see Figure 13
Full
2.7 V
−1
1
µA
COM On-Leakage
ICOM(ON)
VNO = Open, VCOM = 0 to V+,
Switch ON,
25
°C
2.7 V
−0.1
0.1
A
COM On-Leakage
Current
ICOM(ON)
VNO = Open, VCOM = 0 to V+,
Switch ON,
see Figure 13
Full
2.7 V
−1
1
µA
DIGITAL INPUTS (IN1, IN2)(2)
Input Logic High
VIH
Full
0.75
× V+
5.5
V
Input Logic Low
VIL
Full
0
0.25
× V+
V
Input Leakage
IIH, IIL
VIN = 5.5 V or 0
25
°C
2.3 V
0.1
µA
Input Leakage
Current
IIH, IIL
VIN = 5.5 V or 0
Full
2.3 V
1
µA
(1) All typical values are at V+ = 2.5 V, TA = 25°C.
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
FSA3357 Low Voltage SP3T Analog Switch 3:1 Multiplexer/Demultiplexer 1  2  3  4  5  More Fairchild Semiconductor
TS5A3359 1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3 1  2  3  4  5  More Texas Instruments
DG9431 Low-Voltage Single SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix
BU4S66 Single analog switch 1  2  3  4  Rohm
ISL43640 Low-Voltage Single Supply 4 to 1 Multiplexer High Performance Analog Switch 1  2  3  4  5  More Intersil Corporation
NLAST4599 Low Voltage Single Supply SPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
DG2012 Low-Voltage Single SPDT Analog Switch 1  2  3  4  5  More Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn