Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A3195X Datasheet(PDF) 4 Page - Allegro MicroSystems

Part No. A3195X
Description  HALL-EFFECT LATCHES FOR HIGH-TEMPERATURE OPERATION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3195X Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3195X Datasheet HTML 1Page - Allegro MicroSystems A3195X Datasheet HTML 2Page - Allegro MicroSystems A3195X Datasheet HTML 3Page - Allegro MicroSystems A3195X Datasheet HTML 4Page - Allegro MicroSystems A3195X Datasheet HTML 5Page - Allegro MicroSystems A3195X Datasheet HTML 6Page - Allegro MicroSystems A3195X Datasheet HTML 7Page - Allegro MicroSystems A3195X Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3185 THRU 3189
HALL-EFFECT LATCHES
FOR HIGH-TEMPERATURE
OPERATION
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
SENSOR LOCATIONS
(
±0.005” [0.13 mm] die placement)
Allegro
Package Designators “LT”
1
3
2
Dwg. MH-008-4C
0.0305"
0.775 mm
NOM
ACTIVE AREA DEPTH
0.050"
1.27 mm
0.090"
2.27 mm
A
Package Designators “UA”
1
3
2
Dwg. MH-011-4C
0.0195"
0.50 mm
NOM
BRANDED
SURFACE
ACTIVE AREA DEPTH
0.083"
2.10 mm
0.060"
1.51 mm
A
The simplest form of magnet that will operate these devices is a ring
magnet, as shown below. Other methods of operation are possible.
Dwg. A-11,899
OPERATION
In operation, the output transistor is OFF until the strength of the mag-
netic field perpendicular to the surface of the chip exceeds the threshold or
operate point (BOP). When the field strength exceeds BOP, the output transis-
tor switches ON and is capable of sinking 25 mA of current.
The output transistor switches OFF when magnetic field reversal results
in a magnetic flux density below the OFF threshold (BRP). This is illustrated
in the transfer characteristics graph (A3187* shown).
Note that the device latches; that is, a south pole of sufficient strength
will turn the device ON. Removal of the south pole will leave the device ON.
The presence of a north pole of sufficient strength is required to turn the
device OFF. Powering up in the absence of a magnetic field (less than BOP
and higher than BRP) will allow an indeterminate output state. The correct
state is warranted after the first excursion beyond BOP or BRP.
APPLICATIONS INFORMATION
Extensive applications information on magnets and Hall-effect sensors is
also available in the Allegro Integrated and Discrete Semiconductors Data
Book or Application Note 27701.
30 V
MAX
0+B
0
FLUX DENSITY
Dwg. GH-034-4
-B
RP
B
VOUT(SAT)
BB
V
OP
B
Although sensor location is accurate to three
sigma for a particular design, product improve-
ments may result in small changes to sensor
location.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn