Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC2411-IB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TC2411-IB
Description  14-Bit, 1 GSPS Digital-to-Analog Converter with Standby Mode of Operation
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC2411-IB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TC2411-IB Datasheet HTML 1Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 2Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 3Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 4Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 5Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 6Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 7Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 8Page - List of Unclassifed Manufacturers TC2411-IB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Datasheet (Advance Information)
TC2411
5
MKDSTC2411 Rev-
TC2411 Thermal Characteristics
Normal Mode of Operation
θ
JA (
oC/W)
Package
θ
JC (
oC/W)
0 m/s
2m/s
3m/s
Note
19X19 Cavity-down
BGA 96L
2.72
20.2
18.5
17.5
Results based on FEA simulation
without heat sink.
The DC power of the TC2411 is 1.8 W in normal mode of operation
Maximum Junction Temperature is not to exceed 110
oC.
There is no need for an external heat sink if maximum ambient temperature is +70
oC.
An external heat sink is recommended for ambient temperatures in excess of +70
oC to insure that the
junction temperature does not exceed 110
oC maximum.
Use of standby mode reduces the average power dissipation proportional to the normal mode / standby
mode duty cycle and allows a higher ambient temperature before a heat sink must be used to insure that
the junction temperature does not exceed 110
oC maximum.
In the above table,
θ
JA is presented according to JEDEC JESD 51-2 (natural convection) and 51-6 (forced
convection). Thermal simulation assumes the package is mounted on the test board specified by JEDEC
JESD51-9 (101.6X114.3X1.6 mm, four layers).
Note:
θ
JC: Thermal resistance from junction to case.
θ
JA: Thermal resistance from junction to ambient.
Figure 2: Standby Mode Operational Truth Table
Control Signal
Normal Mode
Standby Mode
STDBY_P
L
H
STDBY_N
H
L
Figure 3: Standby/Normal Mode Timing
STDBY_P
STDBY_N
<5
µS
<5
µS
Normal Mode
Standby
Mode
Standby
Mode


Similar Part No. - TC2411-IB

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC2411D-111M PRODUCTWELL-TC2411D-111M Datasheet
129Kb / 4P
   TOROID INDUCTORS
TC2411D-250M PRODUCTWELL-TC2411D-250M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

Similar Description - TC2411-IB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC5670-SP TI-DAC5670-SP Datasheet
976Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670 Datasheet
942Kb / 29P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
DAC5670 TI-DAC5670_15 Datasheet
981Kb / 30P
[Old version datasheet]   14-BIT 2.4-GSPS DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9690 AD-AD9690 Datasheet
2Mb / 77P
   14-Bit, 1 GSPS/500 MSPS JESD204B, Analog-to-Digital Converter
logo
Texas Instruments
ADS5400-SP TI1-ADS5400-SP Datasheet
1Mb / 46P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI1-ADS5400 Datasheet
2Mb / 55P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_2 Datasheet
1Mb / 50P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400-SP TI1-ADS5400-SP_15 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
ADS5400 TI-ADS5400_1 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 1-GSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com