Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S93WD662S-BT Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # S93WD662S-BT
Description  Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 4k-bit Microwire Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

S93WD662S-BT Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button S93WD662S-BT Datasheet HTML 2Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 3Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 4Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 5Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 6Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 7Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 8Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 9Page - Summit Microelectronics, Inc. S93WD662S-BT Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
S93WD662/S93WD663
2013 2.1 8/2/00
Figure 7. WRAL Instruction Timing
SK
2013 ILL 10 1.0
CS
DI
DO
tCS
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
t EW
0
0
STANDBY
D O
D N
INSTRUCTION SET
Instruction
Start
Opcode
Address
Data
Comments
Bit
x8
x16
x8
x16
READ
1
10
A8–A0
A7–A0
Read Address AN–A0
ERASE
1
11
A8–A0
A7–A0
Clear Address AN–A0
WRITE
1
01
A8–A0
A7–A0
D7–D0
D15–D0
Write Address AN–A0
EWEN
1
00
11xxx xxxx 11xxx xxx
Write Enable
EWDS
1
00
00xxx xxxx 00xxx xxx
Write Disable
ERAL
1
00
10xxx xxxx
10xxx xxx
Clear All Addresses
WRAL
1
00
01xxx xxxx 01xxx xxx
D7–D0
D15–D0
Write All Addresses
2013 PGM T5 1.1
Figure 6. ERAL Instruction Timing
SK
2013 ILL 8 1.0
CS
DI
DO
tCS
HIGH-Z
HIGH-Z
10
1
BUSY
READY
STATUS VERIFY
tSV
tHZ
t EW
00
STANDBY


Similar Part No. - S93WD662S-BT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462P-2.7 SUMMIT-S93WD462P-2.7 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462P-2.7T SUMMIT-S93WD462P-2.7T Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462PA SUMMIT-S93WD462PA Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
More results

Similar Description - S93WD662S-BT

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
S93WD462 SUMMIT-S93WD462 Datasheet
81Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
S93WD462 SUMMIT-S93WD462_98 Datasheet
77Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller With a Watchdog Timer and 1k-bit Microwire Memory
logo
Catalyst Semiconductor
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Summit Microelectronics...
S24042 SUMMIT-S24042 Datasheet
157Kb / 14P
   Precision RESET Controller and 4K I2C Memory With Both RESET and RESET Outputs
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com