Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AXIOM2700 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part No. AXIOM2700
Description  Fully customizable UHF/SHF frequency source Ultra-Low Phase Noise OCXO with multiple outputs
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AXTAL [Advanced XTAL Products]
Homepage  http://www.axtal.com/index-engl.html
Logo 

AXIOM2700 Datasheet(HTML) 1 Page - Advanced XTAL Products

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM2700 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXIOM2700
Rev.: 1
Date: 2018-10-30
Oscillator type:
Fully customizable UHF/SHF frequency source
Ultra-Low Phase Noise OCXO with multiple outputs
Features:
Fully customizable frequency source
Multiple phase coherent outputs with 1 direct OCXO
output and up to 3 user-definable multiplied outputs
Internal Ultra-Low Phase Noise Reference OCXO
Supreme OCXO with -180 dBc/Hz noise floor
For optional external reference see our PLL model
AXPLO2700 series
Parameter
min.
typ.
max. Unit
Condition
96.000,mnbnbbn,
OCXO output frequency range
50
160
MHz
Multiplied output frequency range
100
7000
MHz
Customizable (Note 2, 3)
Frequency stability all outputs
frequency tolerance
±100
ppb
over operating temperature range
±100
ppb
Long term (aging) per year
±100
ppb
after 30 days operation
Frequency adjustment range
Electronic Frequency Control (EFC)
On Request
OCXO RF output
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+10
dBm
Harmonics
-40
dBc
Spurious
-90
dBc
Phase noise
Consult factory
Best close-in phase noise available
Noise floor -180 dBc/Hz
Short-term stability (Allan deviation)
5·10-12
@ τ = 1 sec
Multiplied RF outputs
Customizable outputs
3
Phase coherent to OCXO
Signal waveform
Sine wave
Load RL
50
Ω
±5%
Output level
+13
dBm
Harmonics
-50
dBc
Sub-harmonics (multiples of RF1)
-50
dBc
Spurious
-90
dBc
Phase noise
Consult factory
Warm-up time @ +25°C
5
min
∆ffinal/f0 < ±0.1 ppm
Supply voltage VS
10
15
V
Operating temperature range
-10
+60
°C
Other range on request
- See Performance Examples below -


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn