Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT2222V Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT2222V
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT2222V Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT2222V Datasheet HTML 1Page - Diodes Incorporated MMDT2222V Datasheet HTML 2Page - Diodes Incorporated MMDT2222V Datasheet HTML 3Page - Diodes Incorporated MMDT2222V Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30563 Rev. 2 - 0
1 of 4
MMDT2222V
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Complementary PNP Type Available
(MMDT2907V)
·
Ultra-Small Surface Mount Package
·
Lead Free By Design/RoHS Compliant (Note 1)
·
"Green" Device (Note 2)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
A
M
L
B C
H
K
G
D
Mechanical Data
MMDT2222V
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
75
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous (Note 3)
IC
600
mA
Operating and Storage and Temperature Range
Tj,TSTG
-55 to +150
°C
SOT-563
Dim
Min
Max
Typ
A
0.15
0.30
0.25
B
1.10
1.25
1.20
C
1.55
1.70
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
K
0.56
0.60
0.60
L
0.10
0.30
0.20
M
0.10
0.18
0.11
All Dimensions in mm
C
1
B
2
E
2
C
2
E
1
B
1
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
·
Case: SOT-563, Molded Plastic
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: See Diagram
·
Terminals: Finish
¾ Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Polarity: See Diagrams Below
·
Marking & Type Code Information: See Last Page
·
Ordering Information: See Last Page
·
Weight: 0.003 grams (approx.)
Thermal Characteristics
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 3)
Pd
150
mW
Thermal Resistance, Junction to Ambient (Note 3)
RqJA
833
°C/W


Similar Part No. - MMDT2222V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
86Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 4 - 2
MMDT2222V DIODES-MMDT2222V Datasheet
588Kb / 6P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR
MMDT2222V-7 DIODES-MMDT2222V-7 Datasheet
86Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 4 - 2
MMDT2222V-7 DIODES-MMDT2222V-7 Datasheet
588Kb / 6P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR
MMDT2222V DIODES-MMDT2222V_1 Datasheet
86Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 4 - 2
More results

Similar Description - MMDT2222V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904VC DIODES-MMDT3904VC Datasheet
178Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30636 Rev. 3 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
   NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com