Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXIOM35ULN Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXIOM35ULN
Description  Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM35ULN Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXIOM35ULN Datasheet HTML 1Page - Advanced XTAL Products AXIOM35ULN Datasheet HTML 2Page - Advanced XTAL Products AXIOM35ULN Datasheet HTML 3Page - Advanced XTAL Products AXIOM35ULN Datasheet HTML 4Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM35ULN Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Pin connections
Pin #
Symbol
Function
1
VS
Supply Voltage
2
RF OUT
RF Output
3
GND
Ground
4
VC
Control Voltage (EFC)
5
VREF
Reference Voltage
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS- Compliant
Yes
No
* See Application Note AXAN-011


Similar Part No. - AXIOM35ULN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM35 AXTAL-AXIOM35 Datasheet
54Kb / 2P
   OCXO
AXIOM35-16 AXTAL-AXIOM35-16 Datasheet
91Kb / 2P
   Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM35HR AXTAL-AXIOM35HR Datasheet
123Kb / 4P
   High Stability VHF Very Low Power OCXO
AXIOM35HR AXTAL-AXIOM35HR Datasheet
185Kb / 4P
   High Stability VHF Very Low Power OCXO Produced in association with Magic Xtal ??Model MXO37H/R
AXIOM35HR AXTAL-AXIOM35HR_18 Datasheet
185Kb / 4P
   High Stability VHF Very Low Power OCXO Produced in association with Magic Xtal ??Model MXO37H/R
More results

Similar Description - AXIOM35ULN

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXIOM15ULN AXTAL-AXIOM15ULN Datasheet
120Kb / 4P
   Ultra Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM35LN AXTAL-AXIOM35LN Datasheet
120Kb / 4P
   Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM35-16 AXTAL-AXIOM35-16 Datasheet
91Kb / 2P
   Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM15LN AXTAL-AXIOM15LN Datasheet
119Kb / 4P
   Low Phase Noise Miniature OCXO with Sine Wave Output
AXIOM175ULN AXTAL-AXIOM175ULN Datasheet
121Kb / 4P
   Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM75ULN AXTAL-AXIOM75ULN Datasheet
115Kb / 4P
   Ultra-Low Phase Noise OCXO with Sine Wave Output
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75 AXTAL-AXIOM75 Datasheet
65Kb / 2P
   OCXO with Sine Wave Output, Low Phase Noise
AXIOM130LN AXTAL-AXIOM130LN Datasheet
116Kb / 4P
   Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com