Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXCPT1040 Datasheet(PDF) 3 Page - Advanced XTAL Products

Part # AXCPT1040
Description  Smallest Miniature Atomic Clock in 45 x 36 mm Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXCPT1040 Datasheet(HTML) 3 Page - Advanced XTAL Products

  AXCPT1040 Datasheet HTML 1Page - Advanced XTAL Products AXCPT1040 Datasheet HTML 2Page - Advanced XTAL Products AXCPT1040 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AXCPT1040 Rev.2
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 3(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Enclosure drawing
Handling and Testing
Parameter
Procedure
Source
Handling and Testing
Application Note AXAN-011
www.axtal.com
Processing
Application Note AXAN-012
www.axtal.com
Parameter
Procedure
Condition
Electrostatic discharge (ESD)
THD devices
IEC60749-26
HBM
2000 V
SMD devices
IEC60749-27
MM
200 V
Washable
Yes
No
RoHS- Compliant
Yes
No
Data sheet is for information purposes only and may be subject to modifications or may be discontinued without notice.
Revision History
Rev.
Drawing
Date
[dd.mm.yyyy]
Remarks
Author
Checked
1
D0
30.10.2018
First issue
HH
ME
2
Do
27.11.2018
Typical PN und ADEV updated, minor changes
HH
HH
Pin connections:
Pin #
Symbol
Function
1
N.C.
No Connection
4
LD
Lock Detect
5
TX
Serial Transmit RS-232
6
RX
Serial Receive RS-232
7
VS
Supply Voltage
8
GND
Ground
9
1PPS IN
External 1PPS Input (Option)
10
1PPS OUT
1PPS Output
12
RF OUT
10 MHz Output


Similar Part No. - AXCPT1040

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
AXC-051 IXYS-AXC-051 Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-051-R IXYS-AXC-051-R Datasheet
136Kb / 4P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 5A
AXC-102 IXYS-AXC-102 Datasheet
190Kb / 6P
   ACTIVE FILTER FOR RIPPLE ATTENUATION 20A
logo
Panasonic Semiconductor
AXC51S2150 PANASONIC-AXC51S2150 Datasheet
533Kb / 10P
   Automation Controls Catalog
AXC51S4150 PANASONIC-AXC51S4150 Datasheet
533Kb / 10P
   Automation Controls Catalog
More results

Similar Description - AXCPT1040

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
MCO-3S QUARTZCOM-MCO-3S Datasheet
126Kb / 1P
   SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.3 mm
logo
Advanced XTAL Products
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
   Miniature Rubidium Oscillator in 50 x 50 mm Package
logo
QUARTZCOM the communica...
MCO-5S QUARTZCOM-MCO-5S Datasheet
128Kb / 1P
   SMD Clock Oscillator CMOS Sub miniature package: 3.2 x 2.5 x 1.2 mm
MCO-3S-HP QUARTZCOM-MCO-3S-HP Datasheet
118Kb / 1P
   High precision SMD Clock Oscillator Miniature package: 5.0 x 3.2 x 1.2 mm
MCO-3S-L QUARTZCOM-MCO-3S-L Datasheet
124Kb / 1P
   Low power SMD Clock Oscillator CMOS Miniature package: 5.0 x 3.2 x 1.2 mm
logo
ILSI America LLC
I405 ILSI-I405 Datasheet
34Kb / 1P
   Leaded Oscillator, OCXO Metal Package, 27 mm X 36 mm
logo
Advanced XTAL Products
AXCS9000 AXTAL-AXCS9000 Datasheet
170Kb / 3P
   Optically-pumped Cesium Atomic Clock
logo
PETERMANN-TECHNIK
SMD03025-4 PETERMANN-SMD03025-4 Datasheet
143Kb / 2P
   SMALLEST AVAILABLE SMD-CRYSTAL IN CERAMIC PACKAGE
logo
Schneider Electric
KDC1H SCHNEIDER-KDC1H Datasheet
112Kb / 2P
   operating head 45 x 45 mm - black handle
Feb 10, 2022
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com