Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

4N600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. 4N600
Description  N-Channel Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

4N600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
N-Channel Field Effect Transistor
4N600(3600)
Ordering Information
Device
Package
Temp.
4N600T
TO-220
0 to 150
°C
4N600S
TO-263 ( D
2 )
0 to 150
°C
Absolute Maximum Rating
Symbol
Parameter
Max
Unit
Drain Current
-Continues
4.0
2.5
ID (TC=25°C)
ID (TC=100°C)
-Pulsed
16
A
VGSV
Gate Source Voltage
±20
V
Total Power Dissipation @ TC =25°C
75
W
PD
Derate above 25
°C
0.59
W/
°°°°C
TJ
Operating and Storage
TSTG
Temperature Range
-55 to 150
°°°°C
Description
The Bay Linear n-channel power field effect transistors are
produced using high cell density DMOS technology , These
devices are particularly suited for high voltage applications
such as automotive and other battery powered circuits where
fast switching, low in-line power loss and resistance to
transistors are needed.
The TO-220 is offered in a 3-pin is universally preferred for all
commercial-industrial applications at power dissipation level
to approximately to 50 watts. Also, available in a D
2 surface
mount power package with a power dissipation up to 2 Watts
Features
• Critical DC Electrical parameters
specified at elevated Temp.
• Rugged internal source-drain diode
can eliminate the need for external
Zener diode transient suppresser
• Super high density cell design for
extremely low RDS(ON)
VDSS = 600V
RDS (ON) = 1.9 Ω
ID = 4.0A
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power
Inspire the Linear Power


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn