Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

4N600 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 4N600
Description  N-Channel Field Effect Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

4N600 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
4N600(3600)
Electrical Characteristics ( T
C = 25
°°°°C unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDSS
Zero Gate Voltage Drain Current
VDS=600V
VGS=0V
100
µµµµA
V
Drain-to-Source Breakdown
ID=100µA, VGS=0
600
-
-
V
VGS(TH)
Gate Threshold Voltage
VDS=VGS
ID=250µA
2
4
V
RDS(ON)
Static Drain Voltage
VGS=10V, ID=2.4A
-
-
1.9
IGSS
Gate-to-Source Forward Leakage
Gate-to-Source Reverse Leakage
VGS=20V
VGS=-20V
100
-100
NA
gfs
Forward Tranconductance
VDS=100V, ID =2.4A
2.9
S
CISS
Input Capacitance
800
pF
COSS
Output Capacitance
110
pF
CRSS
Reverse Tras. Capacitance
VDS= 25V, VGS=0V
F=1.0 MHZ
20
pF
tD(ON)
Turn-ON Delay Time
12
tr
Turn-ON Rise Time
18
td(off)
Turn-OFF Delay Time
53
tF
Turn-OFF Fall Time
VDD=300V
ID=2.4A, RGEN=12Ω
RD=74Ω
19
NS
IS
Maxim Continuous Drain source Diode Forward Current
4.0
A
VDS (note)
Drain Source Diode
Forward Voltage
VGS=0V
IS=4A
1.50
V
THERMAI CHRACTERISTICS
RJC
Thermal Resistance, Junction to Case
5
°°°°C/W
RJC
Thermal Resistance, Junction to Ambient
100
°°°°C/W
Note: Pulse Test: Pulse With
≤ 300 µS, Duty Cycle ≤ 2.0%
Advance Information- These data sheets contain descriptions of products that are in development. The specifications are based on the engineering calculations,
computer simulations and/ or initial prototype evaluation.
Preliminary Information- These data sheets contain minimum and maximum specifications that are based on the initial device characterizations. These limits are
subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges.
The application circuit examples are only to explain the representative applications of the devices and are not intended to guarantee any circuit
design or permit any industrial property right to other rights to execute. Bay Linear takes no responsibility for any problems related to any
industrial property right resulting from the use of the contents shown in the data book. Typical parameters can and do vary in different
applications. Customer’s technical experts must validate all operating parameters including “ Typical” for each customer application.
LIFE SUPPORT AND NUCLEAR POLICY
Bay Linear products are not authorized for and should not be used within life support systems which are intended for surgical
implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications without
the specific written consent of Bay Linear President.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn