Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2436-1 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2436-1
Description  2-Channel Differential Input 16-Bit No Latency DS ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2436-1 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2436-1 Datasheet HTML 14Page - Linear Technology LTC2436-1 Datasheet HTML 15Page - Linear Technology LTC2436-1 Datasheet HTML 16Page - Linear Technology LTC2436-1 Datasheet HTML 17Page - Linear Technology LTC2436-1 Datasheet HTML 18Page - Linear Technology LTC2436-1 Datasheet HTML 19Page - Linear Technology LTC2436-1 Datasheet HTML 20Page - Linear Technology LTC2436-1 Datasheet HTML 21Page - Linear Technology LTC2436-1 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LTC2436-1
18
24361f
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (EOC = 1). Once the conversion is
complete, SCK and SDO go LOW (EOC = 0) indicating the
conversion has finished and the device has entered the
data output state. The data output cycle begins on the
first rising edge of SCK and ends after the 19th rising
edge. Data is shifted out the SDO pin on each falling edge
of SCK. The internally generated serial clock is output
to the SCK pin. This signal may be used to shift the
conversion result into external circuitry. EOC can be
latched on the first rising edge of SCK and the last bit of
the conversion result can be latched on the 19th rising
edge of SCK. After the 19th rising edge, SDO goes HIGH
(EOC = 1) indicating a new conversion is in progress. SCK
remains HIGH during the conversion.
PRESERVING THE CONVERTER ACCURACY
The LTC2436-1 is designed to reduce as much as possible
the conversion result sensitivity to device decoupling,
PCB layout, antialiasing circuits, line frequency perturba-
tions and so on. Nevertheless, in order to preserve the
accuracy capability of this part, some simple precautions
are desirable.
Digital Signal Levels
The LTC2436-1’s digital interface is easy to use. Its digital
inputs (FO, CS and SCK in External SCK mode of operation)
accept standard TTL/CMOS logic levels and the internal
hysteresis receivers can tolerate edge rates as slow as
100
µs.However,someconsiderationsarerequiredtotake
advantage of the exceptional accuracy and low supply
current of this converter.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
While a digital input signal is in the range 0.5V to
(VCC – 0.5V), the CMOS input receiver draws additional
current from the power supply. It should be noted that,
when any one of the digital input signals (FO, CS and SCK
in External SCK mode of operation) is within this range, the
LTC2436-1 power supply current may increase even if the
signal in question is at a valid logic level. For micropower
operation, it is recommended to drive all digital input
signals to full CMOS levels [VIL < 0.4V and VOH >
(VCC – 0.4V)].
Figure 11. Internal Serial Clock, Continuous Operation
APPLICATIO S I FOR ATIO
SDO
SCK
(INTERNAL)
CS
LSB
MSB
SIG
CH0/CH1
BIT 2
BIT 1
BIT 0
BIT 14
BIT 13
BIT 15
BIT 16
BIT 17
EOC
BIT 18
DATA OUTPUT
CONVERSION
CONVERSION
24361 F11
VCC
FO
REF+
SCK
CH1+
CH1
SDO
GND
CS
114
2
3
13
6
7
12
8, 9, 10, 15, 16
11
REFERENCE
VOLTAGE
0.1V TO VCC
CH0+
CH0
4
5
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
2.7V TO 5.5V
LTC2436-1
2-WIRE
INTERFACE
REF
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/SIMULTANEOUS
50Hz/60Hz REJECTION


Similar Part No. - LTC2436-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2436-1 LINER-LTC2436-1 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
More results

Similar Description - LTC2436-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2433-1 LINER-LTC2433-1 Datasheet
298Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
   Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com