Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM6310 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM6310
Description  High Speed Low Power Operational Amplifier with TRI-STATE Output
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM6310 Datasheet(HTML) 5 Page - National Semiconductor (TI)

 
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics
AV ea2 RF e 348X Vaea5V Vbeb5V RL e 100X TJ e 25 C unless otherwise noted (Continued)
Output Signal Isolation in Disable Mode
Reference
Level e 100 mV
Marker
4 025 567 Hz
688755 mV
TLH12545 – 9
LM6310 Normal Operation Disable e High
Note reference level is 100 mV
4 MHz signal is at 69 mV
Reference
Level e 50 mV
Marker
4 025 567 Hz
289085 mV
TLH12545 – 10
LM6310 Disable e Low
Note that the reference level is 50 mV
The 4 MHz signal is near the noise level attenuated l 10001
http
www nationalcom
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn