Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSM51V16400D-70TS-K Datasheet(PDF) 2 Page - OKI electronic componets

Part # MSM51V16400D-70TS-K
Description  4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16400D-70TS-K Datasheet(HTML) 2 Page - OKI electronic componets

  MSM51V16400D-70TS-K Datasheet HTML 1Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 2Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 3Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 4Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 5Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 6Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 7Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 8Page - OKI electronic componets MSM51V16400D-70TS-K Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
¡ Semiconductor
MSM51V16400D/DSL
2/17
PIN CONFIGURATION (TOP VIEW)
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND
voltage level must be provided to every VSS pin.
28-Pin Plastic SOJ
28-Pin Plastic TSOP
(K Type)
3
4
5
9
10
11
12
13
DQ2
A0
A1
A2
A3
VCC
24
23
22
18
17
16
15
14
DQ3
A7
A6
A5
A4
VSS
2
DQ1
25 DQ4
1
VCC
26 VSS
3
4
5
9
10
11
12
13
24
23
22
18
17
16
15
14
2
25
1
26
,


6
A11R
21 A9
21
8
A10R
19 A8
19
6
8
DQ2
A0
A1
A2
A3
VCC
DQ1
VCC
A11R
A10R
DQ3
A7
A6
A5
A4
VSS
DQ4
VSS
A9
A8
Pin Name
Function
A0 - A9,
Address Input
RAS
Row Address Strobe
CAS
Column Address Strobe
DQ1 - DQ4
Data Input/Data Output
OE
Output Enable
WE
Write Enable
VCC
Power Supply (3.3 V)
VSS
Ground (0 V)
A9R - A11R
WE
CAS
WE
CAS
RAS
OE
RAS
OE


Similar Part No. - MSM51V16400D-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F OKI-MSM51V16400F Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-50TS-K OKI-MSM51V16400F-50TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-60TS-K OKI-MSM51V16400F-60TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400F-70TS-K OKI-MSM51V16400F-70TS-K Datasheet
236Kb / 16P
   4,194,304-Word 횞 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16400D-70TS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116400A OKI-MSM5116400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400D OKI-MSM51V17400D Datasheet
471Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400C OKI-MSM5116400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400D OKI-MSM5116400D Datasheet
160Kb / 14P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400A OKI-MSM5117400A Datasheet
568Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16400A OKI-MSM51V16400A Datasheet
572Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116400B OKI-MSM5116400B Datasheet
70Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400B OKI-MSM5117400B Datasheet
96Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5117400C OKI-MSM5117400C Datasheet
478Kb / 17P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V17400A OKI-MSM51V17400A Datasheet
584Kb / 8P
   4,194,304-Word x 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com