Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT74ALVCH162820 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT74ALVCH162820
Description  3.3V CMOS 10-BIT FLIP FLOP WITH DUAL OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCH162820 Datasheet(HTML) 1 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74ALVCH162820
3.3V CMOS 10-BIT FLIP-FLOP WITH DUAL OUTPUTS
1
JANUARY 2004
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2004 Integrated Device Technology, Inc.
DSC-4497/2
FEATURES:
• 0.5 MICRON CMOS Technology
• Typical tSK(o) (Output Skew) < 250ps
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
•VCC = 3.3V ± 0.3V, Normal Range
•VCC = 2.7V to 3.6V, Extended Range
•VCC = 2.5V ± 0.2V
• CMOS power levels (0.4
µµµµµ W typ. static)
• Rail-to-Rail output swing for increased noise margin
• Available in TSSOP package
FUNCTIONAL BLOCK DIAGRAM
DRIVE FEATURES:
• Balanced Output Drivers: ±12mA
• Low switching noise
IDT74ALVCH162820
3.3V CMOS 10-BIT FLIP-
FLOP WITH DUAL OUTPUTS
C1
D1
TO NIN E OTH ER CH ANN ELS
1
OE
1
56
28
3
1
Q 2
2
OE
CLK
D 1
55
1
Q 1
2
DESCRIPTION:
This 10-bit flip-flop is built using advanced dual metal CMOS technology.
The ALVCH162820 is an edge-triggered D-type flip-flop. On the positive
transition of the clock (CLK) input, the device provides true data at the Q
outputs.
A buffered output-enable (OE) input can be used to place the ten outputs
in either a normal logic state (high or low logic level) or a high-impedance
state. In the high impedance state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and increased drive provide
the capability to drive bus lines without the need for interface or pullup
components. OE input does not affect the internal operation of the flip-flops.
Old data can be retained or new data can be entered while the outputs are
in the high-impedance state.
The ALVCH162820 has series resistors in the device output structure
which will significantly reduce line noise when used with light loads. This
driver has been designed to drive ±12mA at the designated threshold
levels.
The ALVCH162820 has “bus-hold” which retains the inputs’ last state
whenever the input goes to a high impedance. This prevents floating inputs
and eliminates the need for pull-up/down resistors.
APPLICATIONS:
• SDRAM Modules
• PC Motherboards
• Workstations


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn