Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IDT74ALVCH162820 Datasheet(PDF) 4 Page - Integrated Device Technology

Part No. IDT74ALVCH162820
Description  3.3V CMOS 10-BIT FLIP FLOP WITH DUAL OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCH162820 Datasheet(HTML) 4 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74ALVCH162820
3.3V CMOS 10-BIT FLIP-FLOP WITH DUAL OUTPUTS
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
OUTPUT DRIVE CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
V
VCC = 2.3V
IOH = – 4mA
1.9
IOH = – 6mA
1.7
VCC = 2.7V
IOH = – 4mA
2.2
IOH = – 8mA
2
VCC = 3V
IOH = – 6mA
2.4
IOH = – 12mA
2
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
0.2
V
VCC = 2.3V
IOL = 4mA
0.4
IOL = 6mA
0.55
VCC = 2.7V
IOL = 4mA
0.4
IOL = 8mA
0.6
VCC = 3V
IOL = 6mA
0.55
IOL = 12mA
0.8
OPERATING CHARACTERISTICS, TA = 25°C
VCC = 2.5V ± 0.2V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Typical
Typical
Unit
CPD
PowerDissipationCapacitanceperFlipFlopOutputsenabled
CL = 0pF, f = 10Mhz
68
66
pF
CPD
PowerDissipationCapacitanceperFlipFlopOutputsdisabled
39
47
SWITCHING CHARACTERISTICS(1)
VCC = 2.5V ± 0.2V
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
fMAX
150
150
150
MHz
tPLH
PropagationDelay
1
4.5
4.5
1
4.3
ns
tPHL
CLK to xQx
tPZH
OutputEnableTime
1
6.9
6.8
1
5.6
ns
tPZL
OE to xQx
tPHZ
OutputDisableTime
1
6.2
5.5
1
5
ns
tPLZ
OE to xQx
tSU
Set-up Time, HIGH or LOW, data before CLK
1.7
1.8
1.4
ns
tH
Hold Time, HIGH or LOW, data after CLK
1.1
1.1
1
ns
tW
Pulse Width, CLK HIGH or LOW
3.3
3.3
3.3
ns
tSK(O)
OutputSkew(2)
——
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2
Skew between any two outputs of the same package and switching in the same direction.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn