Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405F Datasheet(PDF) 1 Page - OKI electronic componets

Part No. MSM51V17405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V17405F Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V17405F Datasheet HTML 1Page - OKI electronic componets MSM51V17405F Datasheet HTML 2Page - OKI electronic componets MSM51V17405F Datasheet HTML 3Page - OKI electronic componets MSM51V17405F Datasheet HTML 4Page - OKI electronic componets MSM51V17405F Datasheet HTML 5Page - OKI electronic componets MSM51V17405F Datasheet HTML 6Page - OKI electronic componets MSM51V17405F Datasheet HTML 7Page - OKI electronic componets MSM51V17405F Datasheet HTML 8Page - OKI electronic componets MSM51V17405F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FEDD51V17405F-01
1Semiconductor
This version: June. 2000
Previous version :
MSM51V17405F
4,194,304-Word
×××× 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
1/17
DESCRIPTION
The MSM51V17405F is a 4,194,304-word
× 4-bit dynamic RAM fabricated in Oki’s silicon-gate
CMOS technology. The MSM51V17405F achieves high integration, high-speed operation, and low-
power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer
metal CMOS process. The MSM51V17405F is available in a 26/24-pin plastic SOJ or 26/24-pin plastic
TSOP.
FEATURES
4,194,304-word
× 4-bit configuration
Single 3.3V power supply,
±0.3V tolerance
Input
: LVTTL compatible, low input capacitance
Output : LVTTL compatible, 3-state
Refresh : 2048 cycles/32ms
Fast page mode with EDO, read modify write capability
CAS before RAS refresh, hidden refresh, RAS-only refresh capability
∙ Packages
26/24-pin 300mil plastic SOJ
(
SOJ26/24-P-300-1.27)
(Product : MSM51V17405F-xxSJ)
26/24-pin 300mil plastic TSOP (TSOPII26/24-P-300-0.80-K) (Product : MSM51V17405F-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating
(Max.)
Standby
(Max.)
50ns
25ns
13ns
13ns
84ns
360mW
60ns
30ns
15ns
15ns
104ns
324mW
MSM51V17405F
70ns
35ns
20ns
20ns
124ns
288mW
1.8mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn