Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MSM51V17405F Datasheet(PDF) 8 Page - OKI electronic componets

Part No. MSM51V17405F
Description  4,194,304-Word × 4-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OKI [OKI electronic componets]
Homepage  http://www.oki.com
Logo 

MSM51V17405F Datasheet(HTML) 8 Page - OKI electronic componets

Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
FEDD51V17405F-01
1Semiconductor
MSM51V17405F
8/17
AC CHARACTERISTICS (3/3)
(VCC = 3.3V ± 0.3V, Ta = 0 to 70°C) Note1,2,3,12,13
MSM51V17405
F-50
MSM51V17405
F-60
MSM51V17405
F-70
Parameter
Symbol
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Note
CAS Active Delay Time from RAS
Precharge
tRPC
5
5
5
ns
RAS to CAS Set-up Time
(
CAS before RAS)
tCSR
5
5
5
ns
RAS to CAS Hold Time
(
CAS before RAS)
tCHR
10
10
10
ns
WE to CAS Hold Time
(
CAS before RAS)
tWRP
10
10
10
ns
WE Hold Time from RAS
(
CAS before RAS)
tWRH
10
10
10
ns
RAS to WE Set-up Time
(Test Mode)
tWTS
10
10
10
ns
RAS to WE Hold Time (Test Mode)
tWTH
10
10
10
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn